Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM335 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM335
Description  Digital Media System-on-Chip (DMSoC)
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM335 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMS320DM335 Datasheet HTML 20Page - Texas Instruments TMS320DM335 Datasheet HTML 21Page - Texas Instruments TMS320DM335 Datasheet HTML 22Page - Texas Instruments TMS320DM335 Datasheet HTML 23Page - Texas Instruments TMS320DM335 Datasheet HTML 24Page - Texas Instruments TMS320DM335 Datasheet HTML 25Page - Texas Instruments TMS320DM335 Datasheet HTML 26Page - Texas Instruments TMS320DM335 Datasheet HTML 27Page - Texas Instruments TMS320DM335 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 158 page
background image
TMS320DM335
Digital Media System-on-Chip (DMSoC)
SPRS528A – JULY 2008 – REVISED AUGUST 2008
www.ti.com
Table 2-11. GPIO Terminal Functions (continued)
TERMINAL
TYPE(1)
OTHER(2)(3)
DESCRIPTION
NAME
NO.
EM_D01 /
Async EMIF: Data Bus bit[01]
J17
I/O/Z
VDD
GIO039
GIO: GIO[039]
EM_D02 /
Async EMIF: Data Bus bit[02]
H19
I/O/Z
VDD
GIO040
GIO: GIO[040]
EM_D03 /
Async EMIF: Data Bus bit[03]
J18
I/O/Z
VDD
GIO041
GIO: GIO[041]
EM_D04 /
Async EMIF: Data Bus bit[04]
L15
I/O/Z
VDD
GIO042
GIO: GIO[042]
EM_D05 /
Async EMIF: Data Bus bit[05]
J19
I/O/Z
VDD
GIO043
GIO: GIO[043]
EM_D06 /
Async EMIF: Data Bus bit[06]
K17
I/O/Z
VDD
GIO044
GIO: GIO[044]
EM_D07 /
Async EMIF: Data Bus bit[07]
K19
I/O/Z
VDD
GIO045
GIO: GIO[045]
EM_D08 /
Async EMIF: Data Bus bit[08]
L16
I/O/Z
VDD
GIO046
GIO: GIO[046]
EM_D09 /
Async EMIF: Data Bus bit[09]
K18
I/O/Z
VDD
GIO047
GIO: GIO[047]
EM_D10 /
Async EMIF: Data Bus bit[10]
L19
I/O/Z
VDD
GIO048
GIO: GIO[048]
EM_D11 /
Async EMIF: Data Bus bit[11]
L17
I/O/Z
VDD
GIO049
GIO: GIO[049]
EM_D12 /
Async EMIF: Data Bus bit[12]
L18
I/O/Z
VDD
GIO050
GIO: GIO[050]
EM_D13 /
Async EMIF: Data Bus bit[13]
M15
I/O/Z
VDD
GIO051
GIO: GIO[051]
EM_D14 /
Async EMIF: Data Bus bit[14]
M19
I/O/Z
VDD
GIO052
GIO: GIO[052]
EM_D15 /
Async EMIF: Data Bus bit[15]
M18
I/O/Z
VDD
GIO053
GIO: GIO[053]
Async EMIF: Bank Address 0 signal = 8-bit address. In 8-bit mode, lowest
EM_BA0 /
address bit. Or, can be used as an extra Address line (bit[14] when using 16-bit
GIO054 /
N19
I/O/Z
VDD
memories.
EM_A14
GIO: GIO[054]
Async EMIF: Bank Address 1 signal = 16-bit address. In 16-bit mode, lowest
EM_BA1 /
P19
I/O/Z
VDD
address bit. In 8-bit mode, second lowest address bit
GIO055
GIO: GIO[055]
Async EMIF: Address Bus bit[00] Note that the EM_A0 is always a 32-bit
EM_A00 /
M16
I/O/Z
VDD
address
GIO056
GIO: GIO[056]
EM_A03 /
Async EMIF: Address Bus bit[03]
N18
I/O/Z
VDD
GIO057
GIO: GIO[057]
EM_A04 /
Async EMIF: Address Bus bit[04]
P15
I/O/Z
VDD
GIO058
GIO: GIO[058]
EM_A05 /
Async EMIF: Address Bus bit[05]
R19
I/O/Z
VDD
GIO059
GIO: GIO[059]
EM_A06 /
Async EMIF: Address Bus bit[06]
P18
I/O/Z
VDD
GIO060
GIO: GIO[060]
EM_A07 /
Async EMIF: Address Bus bit[07]
P16
I/O/Z
VDD
GIO061
GIO: GIO[061] - Used by ROM Bootloader to provide progress status via LED
Async EMIF: Address Bus bit[08]
EM_A08 /
PU
GIO: GIO[062] AECFG[0] sets default for - PinMux2.EM_A0_BA1: AEMIF
GIO062 /
T19
I/O/Z
VDD
Address Width (OneNAND or NAND) - PinMux2.EM_A13_3: AEMIF Address
AECFG[0]
Width (OneNAND or NAND)
Device Overview
24
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com