Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG3003 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG3003
Description  Low-Voltage Sub-Ohm SPST/SPDT MICRO FOOT® Analog Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG3003 Datasheet(HTML) 5 Page - Vishay Siliconix

  DG3003 Datasheet HTML 1Page - Vishay Siliconix DG3003 Datasheet HTML 2Page - Vishay Siliconix DG3003 Datasheet HTML 3Page - Vishay Siliconix DG3003 Datasheet HTML 4Page - Vishay Siliconix DG3003 Datasheet HTML 5Page - Vishay Siliconix DG3003 Datasheet HTML 6Page - Vishay Siliconix DG3003 Datasheet HTML 7Page - Vishay Siliconix DG3003 Datasheet HTML 8Page - Vishay Siliconix DG3003 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number: 72505
S-70853–Rev. C, 30-Apr-07
www.vishay.com
5
Vishay Siliconix
DG3001/3002/3003
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Switching Time vs. Temperature and Supply
Voltage
Switching Threshold vs. Supply Voltage
0
10
20
30
40
50
60
70
80
90
100
- 60
- 40
- 20
0
20406080
100
tON V+ = 2 V
Temperature (°C)
tON V+ = 3 V
tOFF V+ = 2 V
tOFF V+ = 3 V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
01
23
45
6
7
V+ – Supply Voltage (V)
Insertion Loss, Off-Isolation, Crosstalk vs.
Frequency
Charge Injection vs. Analog Voltage
- 90
- 20
10
Frequency (Hz)
- 10
0
10 M
1 G
100 M
1 M
100 K
- 30
- 40
- 50
- 60
- 70
- 80
V+ = 3 V
RL = 50 Ω
LOSS
OIRR
XTALK
- 250
- 200
- 150
- 100
- 50
0
50
100
150
200
250
012345
VCOM – Analog Voltage (v)
V+ = 2 V
V+ = 3 V
V+ = 5 V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com