Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG3003 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # DG3003
Description  Low-Voltage Sub-Ohm SPST/SPDT MICRO FOOT® Analog Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG3003 Datasheet(HTML) 8 Page - Vishay Siliconix

  DG3003 Datasheet HTML 1Page - Vishay Siliconix DG3003 Datasheet HTML 2Page - Vishay Siliconix DG3003 Datasheet HTML 3Page - Vishay Siliconix DG3003 Datasheet HTML 4Page - Vishay Siliconix DG3003 Datasheet HTML 5Page - Vishay Siliconix DG3003 Datasheet HTML 6Page - Vishay Siliconix DG3003 Datasheet HTML 7Page - Vishay Siliconix DG3003 Datasheet HTML 8Page - Vishay Siliconix DG3003 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
www.vishay.com
8
Document Number: 72505
S-70853–Rev. C, 30-Apr-07
Vishay Siliconix
DG3001/3002/3003
PACKAGE OUTLINE
MICRO FOOT: 6-BUMP (3 x 2, 0.5 mm PITCH, 165 µm BUMP HEIGHT)
Notes (Unless Otherwise Specified):
a. Bump is Eutectic 63/57 Sn/Pb or Lead (Pb)-free Sn/Ag/Cu.
b. Non-solder mask defined copper landing pad.
c. Laser Mark on silicon die back; no coating. Shown is not actual marking; sample only.
Notes:
a. Use millimeters as the primary measurement.
Notes:
a. Use millimeters as the primary measurement.
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Tech-
nology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and reliability
data, see http://www.vishay.com/ppg?72505.
Index-Bump A1
Note c
Top Side (Die Back)
XXX
3003
Recommended Land Pattern
0.5
0.5
6 x Ø 0.150
∼ 0.229
Note b
Solder Mask Ø
∼ Pad Dia. + 0.1
Silicon
Bump
Note a
b Diameter
32
1
A
B
e
D
e
A
A2
A1
S
S
E
EUTECTIC (Sn/Pb)
Dim
Millimetersa
Inches
Min
Max
Min
Max
A
0.610
0.685
0.0240
0.0270
A1
0.140
0.190
0.0055
0.0075
A2
0.470
0.495
0.0185
0.0195
b
0.180
0.250
0.0071
0.0098
D
1.490
1.515
0.0587
0.0596
E
0.990
1.015
0.0390
0.0400
e
0.5 BASIC
0.0197 BASIC
S
0.245
0.258
0.0096
0.0101
LEAD (Pb)-FREE (Sn/Ag/Cu)
Dim
Millimetersa
Inches
Min
Max
Min
Max
A
0.688
0.753
0.0271
0.0296
A1
0.218
0.258
0.0086
0.0102
A2
0.470
0.495
0.0185
0.0195
b
0.306
0.346
0.0120
0.0136
D
1.490
1.515
0.0587
0.0596
E
0.990
1.015
0.0390
0.0400
e
0.5 BASIC
0.0197 BASIC
S
0.245
0.258
0.0096
0.0102



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com