Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T835-400B Datasheet(PDF) 3 Page - STMicroelectronics

Part # T835-400B
Description  HIGH PERFORMANCE TRIACS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T835-400B Datasheet(HTML) 3 Page - STMicroelectronics

  T835-400B Datasheet HTML 1Page - STMicroelectronics T835-400B Datasheet HTML 2Page - STMicroelectronics T835-400B Datasheet HTML 3Page - STMicroelectronics T835-400B Datasheet HTML 4Page - STMicroelectronics T835-400B Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
012345678
0
2
4
6
8
10
P(W)
α
α
α
α
α
I
(A)
T(RMS)
180°
α
α
Fig 1a: Maximum power dissipation versus RMS
on-state current (T810 only).
012345678
0
2
4
6
8
10
P(W)
α
α
α
α
α
I
(A)
T(RMS)
180°
α
α
Fig 1b: Maximum power dissipation versus RMS
on-state current. (T835 only)
0
25
50
75
100
125
0
2
4
6
8
10
P(W)
Tcase (°C)
Rth=0°C/W
Rth=5°C/W
Rth=10 °C/W
Rth=15 °C/W
125
110
120
115
α
Tamb(°C)
Fig 2: Correlation between maximum power dissi-
pation and maximum allowable temperatures
(Tamb and Tcase) for different thermal resistances
heatsink+contact.
0
25
50
75
100
125
0
1
2
3
4
5
6
7
8
9
I
(A)
T(RMS)
α
Tamb(°C)
Fig 3: RMS on-state current versus ambient tem-
perature.
1E-3
1E-2
1E-1
1E+0
0.1
0.2
0.5
1.0
K=[Zth(j-c)/Rth(j-c)]
tp(s)
Fig 4: Relative variation of thermal impedance
junction to case versus pulse duration.
-40
-20
0
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
2.0
2.5
I
,I [Tj]/I
,I [Tj=25°C]
GT H
GT H
IH
Tj(°C)
IGT
Fig 5: Relative variation of gate trigger current and
holding current versus junction temperature (typi-
cal values).
T810-xxxB / T835-xxxB
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com