Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T835-400B Datasheet(PDF) 4 Page - STMicroelectronics

Part # T835-400B
Description  HIGH PERFORMANCE TRIACS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T835-400B Datasheet(HTML) 4 Page - STMicroelectronics

  T835-400B Datasheet HTML 1Page - STMicroelectronics T835-400B Datasheet HTML 2Page - STMicroelectronics T835-400B Datasheet HTML 3Page - STMicroelectronics T835-400B Datasheet HTML 4Page - STMicroelectronics T835-400B Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
1
10
100
1000
0
10
20
30
40
50
60
70
80
I
(A)
TSM
Tj initial=25°C
F=50Hz
Number of cycles
Fig 6: Non repetitive surge peak on-state current
versus number of cycles.
12
5
10
10
100
500
I
(A),I²t(A²s)
TSM
Tj initial=25°C
ITSM
I²t
tp(ms)
Fig 7: Non repetitive surge peak on-state current
for a sinusoidal pulse with width tp<10ms, and cor-
responding value of I
2t.
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
0.1
1.0
10.0
100.0
I
(A)
TM
Tj=25°C
Tj max.:
Vto=0.8V
Rt=60m
Ω
Tj=Tj max.
V
(V)
TM
Fig 8: On-state characteristics (maximum values).
0
2
4
6
8
10
12
14
16
18
20
0
20
40
60
80
100
Rth(j-a) (°C/W)
S(Cu) (cm²)
Fig 9: Thermal resistance junction to ambient ver-
sus copper surface under tab (Epoxy printed circuit
board FR4, copper thickness: 35
µm).
T810-xxxB / T835-xxxB
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com