Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10TQ035PBF Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 10TQ035PBF
Description  Schottky Rectifier, 10 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

10TQ035PBF Datasheet(HTML) 5 Page - Vishay Siliconix

  10TQ035PBF Datasheet HTML 1Page - Vishay Siliconix 10TQ035PBF Datasheet HTML 2Page - Vishay Siliconix 10TQ035PBF Datasheet HTML 3Page - Vishay Siliconix 10TQ035PBF Datasheet HTML 4Page - Vishay Siliconix 10TQ035PBF Datasheet HTML 5Page - Vishay Siliconix 10TQ035PBF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 94120
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 05-Jun-08
5
10TQ...PbF Series
Schottky Rectifier, 10 A
Vishay High Power Products
ORDERING INFORMATION TABLE
1
-
Current rating (10 = 10 A)
2
-
Package:
T = TO-220
3
-
Schottky “Q” series
4
-
Voltage ratings
5
-
None = Standard production
PbF = Lead (Pb)-free
Tube standard pack quantity: 50 pieces
035 = 35 V
045 = 45 V
Device code
5
13
24
10
T
Q
045 PbF
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95221
Part marking information
http://www.vishay.com/doc?95224



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com