Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10TQ035PBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 10TQ035PBF
Description  Schottky Rectifier, 10 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

10TQ035PBF Datasheet(HTML) 1 Page - Vishay Siliconix

  10TQ035PBF Datasheet HTML 1Page - Vishay Siliconix 10TQ035PBF Datasheet HTML 2Page - Vishay Siliconix 10TQ035PBF Datasheet HTML 3Page - Vishay Siliconix 10TQ035PBF Datasheet HTML 4Page - Vishay Siliconix 10TQ035PBF Datasheet HTML 5Page - Vishay Siliconix 10TQ035PBF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 94120
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 05-Jun-08
1
Schottky Rectifier, 10 A
10TQ...PbF Series
Vishay High Power Products
FEATURES
• 175 °C TJ operation
• Low forward voltage drop
• High frequency operation
• High
purity,
high
temperature
epoxy
encapsulation
for
enhanced
mechanical
strength and moisture resistance
• Guard ring for enhanced ruggedness and long term
reliability
• Lead (Pb)-free (“PbF” suffix)
• Designed and qualified for industrial level
DESCRIPTION
The 10TQ...PbF Schottky rectifier series has been optimized
for low reverse leakage at high temperature. The proprietary
barrier technology allows for reliable operation up to 175 °C
junction temperature. Typical applications are in switching
power supplies, converters, freewheeling diodes, and
reverse battery protection.
PRODUCT SUMMARY
IF(AV)
10 A
VR
35/45 V
Anode
1
2
3
Cathode
TO-220AC
Base
cathode
Available
Pb-free
RoHS*
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
10
A
VRRM
35/45
V
IFSM
tp = 5 µs sine
1050
A
VF
10 Apk, TJ = 125 °C
0.49
V
TJ
Range
- 55 to 175
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
10TQ035PbF
10TQ045PbF
UNITS
Maximum DC reverse voltage
VR
35
45
V
Maximum working peak reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
See fig. 5
IF(AV)
50 % duty cycle at TC = 151 °C, rectangular waveform
10
A
Maximum peak one cycle non-repetitive
surge current
See fig. 7
IFSM
5 µs sine or 3 µs rect. pulse
Following any rated load
condition and with rated
VRRM applied
1050
10 ms sine or 6 ms rect. pulse
280
Non-repetitive avalanche energy
EAS
TJ = 25 °C, IAS = 2 A, L = 6.5 mH
13
mJ
Repetitive avalanche current
IAR
Current decaying linearly to zero in 1 µs
Frequency limited by TJ maximum VA = 1.5 x VR typical
2A
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - 10TQ035PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
10TQ035PBF VISHAY-10TQ035PBF Datasheet
110Kb / 6P
Schottky Rectifier, 10 A
24-Jun-08
logo
International Rectifier
10TQ035PBF IRF-10TQ035PBF Datasheet
210Kb / 6P
SCHOTTKY RECTIFIER
logo
Vishay Siliconix
10TQ035PBF VISHAY-10TQ035PBF Datasheet
113Kb / 6P
Schottky Rectifier, 10 A
05-Jun-08
More results

Similar Description - 10TQ035PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
10TQS VISHAY-10TQS Datasheet
125Kb / 6P
Schottky Rectifier, 10 A
25-Jun-08
MBR1045PBF VISHAY-MBR1045PBF Datasheet
110Kb / 6P
Schottky Rectifier, 10 A
14-Aug-08
STPS1045BPBF VISHAY-STPS1045BPBF Datasheet
91Kb / 6P
Schottky Rectifier, 10 A
23-Apr-08
10WQ045FNPBF VISHAY-10WQ045FNPBF_11 Datasheet
129Kb / 7P
Schottky Rectifier, 10 A
14-Jan-11
10TQ VISHAY-10TQ_12 Datasheet
144Kb / 7P
Schottky Rectifier, 10 A
05-Jun-08
MBR1035PBF VISHAY-MBR1035PBF_12 Datasheet
157Kb / 7P
Schottky Rectifier, 10 A
29-Aug-11
logo
Kersemi Electronic Co.,...
MBR1045PBF KERSEMI-MBR1045PBF Datasheet
1Mb / 5P
Schottky Rectifier, 10 A
logo
Vishay Siliconix
VS-10WQ045FNHM3 VISHAY-VS-10WQ045FNHM3_15 Datasheet
99Kb / 6P
Schottky Rectifier, 10 A
21-Aug-13
VS-MBR10PBF VISHAY-VS-MBR10PBF Datasheet
158Kb / 7P
Schottky Rectifier, 10 A
29-Aug-11
VS-10TQPBF VISHAY-VS-10TQPBF Datasheet
167Kb / 7P
Schottky Rectifier, 10 A
11-Oct-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com