Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD230 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TD230
Description  ELECTRONIC CIRCUIT BREAKER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD230 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TD230 Datasheet HTML 7Page - STMicroelectronics TD230 Datasheet HTML 8Page - STMicroelectronics TD230 Datasheet HTML 9Page - STMicroelectronics TD230 Datasheet HTML 10Page - STMicroelectronics TD230 Datasheet HTML 11Page - STMicroelectronics TD230 Datasheet HTML 12Page - STMicroelectronics TD230 Datasheet HTML 13Page - STMicroelectronics TD230 Datasheet HTML 14Page - STMicroelectronics TD230 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Figure 9B : Silkscreen
Figure 9C : Schematic
Figure 9A : PCB (not to scale)
eventual control block, or, if it should not be used,
tied to the GND pin.
4. Th e SHUTDOWN pin i s an open dr ain
CMOS/TTL compatible output which should be tied
to the TTL compatible input of an eventual control
block.
The absolute maximum rating of this output is 7V.
In the case of a visual alarm, a LED is likely to be
tied to the positive power supply which can be
destructive for the Shutdown output if the power
supply is over 7V. An easy way to eliminate this is
to add a 6V zener diode between the Shutdown
output and the Ground as shown on figure 10.
5. The time constant of the protection mode (given
by the charge of CTRIP1/2 capacitors) must be
greater than the time constant of the restart at-
tempts (given by the charge of the CSS 1/2 soft start
capacitors). This condition can be described as
follows :
• VSP1/2 xCTRIP1/2 /IP/N2 >VTH1/2 x
(CSS1/2+CISS1/2)/ IP/N1
TD230
11/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com