Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD300 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TD300
Description  15V TRIPLE IGBT/MOS DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD300 Datasheet(HTML) 3 Page - STMicroelectronics

  TD300 Datasheet HTML 1Page - STMicroelectronics TD300 Datasheet HTML 2Page - STMicroelectronics TD300 Datasheet HTML 3Page - STMicroelectronics TD300 Datasheet HTML 4Page - STMicroelectronics TD300 Datasheet HTML 5Page - STMicroelectronics TD300 Datasheet HTML 6Page - STMicroelectronics TD300 Datasheet HTML 7Page - STMicroelectronics TD300 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ELECTRICAL CHARACTERISTICS
VCC = 15V, Tamb = 25
oC (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
ICC
Supply Current with Inputs in High State
1.5
2
mA
LOGIC INPUT (all inputs)
VIH
High Input Voltage
2
V
VIL
Low Input Voltage
0.8
V
IIH
High Input Current
10
pA
IIL
Low Input Current
10
pA
tdH,teL
tdL,teH
Propagation Delay (10% input to 10% output)
Output Delay
Output Delay
Tmin.
≤ Tamb ≤ Tmax.
200
60
400
400
ns
tIi
Input Inhibiting Time
100
ns
tdd
Differential Delay Time Between Channels
20
ns
OUTPUT DRIVERS
Vsod
Sourcing Drop Voltage (A/B/C outputs)
Isource = 200mA
3
V
Vsid
Sinking Drop Voltage (A/B/C outputs)
Isink = 200mA
5
V
Vdem
Demagnetising Drop Voltage (A/B/C outputs)
Idemag. = 100mA
2
V
Ropd
Output Pull Down Resistor
47
k
Ω
UNDERVOLTAGE LOCKOUT
Vhys
Threshold Hysteresis
0.8
V
Vst
Internal Start Threshold
11.7
13.3
V
ALARM OUTPUT
Is
Low Level Sinking Current
VO = 0.8V
5
35
mA
Ish
High Level Sinking Current
500
nA
tA
Alarm Output : Delay Time to Alarm Fall if Sense Input Triggered
500
ns
SENSE INPUT
Vios
Input Offset Voltage
20
mV
tAi
Inhibition Time if Sense Input Triggered
1
ms
ts
Delay Time to Output Fall if Sense Input Triggered
All outputs inhibited
600
ns
tsi
Inhibition Time of Sense Input
300
ns
Vshys
Sense Hysteresis
40
mV
OPERATIONAL AMPLIFIER
Vicm
Common Mode Input Voltage Range
0 to VCC
+ - 1.5
V
Vio
Input Offset Voltage
10
mV
Iio
Input Offset Current
1
pA
Io
Output Short Circuit Current (Vid = 100mV, Vo = 0V)
60
mA
VOL
Low Level Output Voltage (Vid = -100mV)
20
mV
VOH
High Level Output Voltage (Vid = 100mV, RL = 100k
Ω)
8.9
V
GBP
Gain Bandwidth Product
1
MHz
Avd
Open Loop Gain
60
dB
SR
Slew Rate at Unity Gain (RL = 100k
Ω, CL = 100pF, Vi = 3 to 7V)
0.6
V/
µs
TD300
3/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com