Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD300 Datasheet (PDF) - STMicroelectronics

TD300 Datasheet PDF - STMicroelectronics
Part # TD300
Download  TD300 Download
File Size   135.4 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 15V TRIPLE IGBT/MOS DRIVER

TD300 Datasheet (PDF)

Go To PDF Page Download Datasheet
TD300 Datasheet PDF - STMicroelectronics

Part # TD300
Download  TD300 Click to download

File Size   135.4 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 15V TRIPLE IGBT/MOS DRIVER

TD300 Datasheet (HTML) - STMicroelectronics


TD300 Product details

DESCRIPTION
The TD300 is designed to drive one, two or three Power IGBT/MOS and has driving capability for pulse transformer. So it is perfectly suited to interface control IC with Power Switches in low side or half-bridge configuration.
The typical application shown figure 1 implements the TD300 in a pulse controlled half-bridge drive. Positive and negative pulses are applied to the pulse transformer to charge and discharge the IGBT/MOS gate capacitance. More sophisticated secondary circuits provide low impedance gate drive and short-circuit protection as shown in application note AN461.
On Figure 2, TD300 is implemented as a low side driver in a typical 3 phase motor drive. Figure 3 presents a general purpose low side gate drive.
In both case, the current amplifier provides interfacing between a sense resistor and an A/D converter.

■ THREE POWER IGBT/MOS OR PULSE TRANSFORMER DRIVERS
■ CURRENT SENSE COMPARATOR WITH 1ms INHIBITION TIME FUNCTION
■ INSTANTANEOUS SIGNAL TRANSMISSION
■ 0.6 Amp PER CHANNEL PEAK OUTPUT CURRENT CAPABILITY
■ LOW OUTPUT IMPEDANCE TYP : 7Ω at 200mA
■ CMOS/LSTTL COMPATIBLE INVERTING IN PUT WITH HYSTERESIS
■ 13V TO 16V SINGLE SUPPLY OPERATION
■ UNDER VOLTAGE LOCKOUT (12.5V)
■ CURRENT AMPLIFIER
■ LOW BIAS CURRENT TYP : 1.5mA
■ DURING POWER UP NO RANDOM OUTPUT STATE
■ ENHANCED LATCH-UP IMMUNITY
■ CHANNEL PARALLELING CAPABILITY




Similar Part No. - TD300

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TD3001 ETC-TD3001 Datasheet
90Kb / 1P
THYRISTORS
TD3003 ETC-TD3003 Datasheet
90Kb / 1P
THYRISTORS
logo
Topstek Inc.
TD300A TOPSTEK-TD300A Datasheet
98Kb / 2P
Topstek Current Transducers
More results


Similar Description - TD300

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6353 STMICROELECTRONICS-L6353 Datasheet
91Kb / 11P
SMART DRIVER FOR POWER MOS & IGBT
Feb-2000
TD310 STMICROELECTRONICS-TD310 Datasheet
82Kb / 9P
TRIPLE IGBT/MOS DRIVER
Oct-1997
TD310 STMICROELECTRONICS-TD310_01 Datasheet
132Kb / 9P
TRIPLE IGBT/MOS DRIVER WITH CURRENT SENSE
Dec-2001
logo
Renesas Technology Corp
RD5CYD08 RENESAS-RD5CYD08 Datasheet
100Kb / 8P
IGBT Driver
logo
STMicroelectronics
TD310IN STMICROELECTRONICS-TD310IN Datasheet
138Kb / 9P
TRIPLE IGBT/MOS DRIVER WITH CURRENT SENSE
Dec-2001
TD310IDT STMICROELECTRONICS-TD310IDT Datasheet
138Kb / 9P
TRIPLE IGBT/MOS DRIVER WITH CURRENT SENSE
Dec-2001
logo
IXYS Corporation
MX860 IXYS-MX860 Datasheet
217Kb / 2P
/-15V ePaper Source Driver
MXEI1480 IXYS-MXEI1480 Datasheet
208Kb / 2P
/-15V E Ink Source Driver
logo
Shenzhen Huazhimei Semi...
HM2101B HMSEMI-HM2101B Datasheet
580Kb / 9P
High power MOS tube, IGBT tube gate driver chip
logo
STMicroelectronics
TD310 STMICROELECTRONICS-TD310_V01 Datasheet
136Kb / 9P
TRIPLE IGBT/MOS DRIVER WITH CURRENT SENSE
Dec-2001
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com