Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6353 Datasheet (PDF) - STMicroelectronics

L6353 Datasheet PDF - STMicroelectronics
Part # L6353
Download  L6353 Download
File Size   91.93 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SMART DRIVER FOR POWER MOS & IGBT

L6353 Datasheet (PDF)

Go To PDF Page Download Datasheet
L6353 Datasheet PDF - STMicroelectronics

Part # L6353
Download  L6353 Click to download

File Size   91.93 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SMART DRIVER FOR POWER MOS & IGBT

L6353 Datasheet (HTML) - STMicroelectronics


L6353 Product details

DESCRIPTION
The L6353 device is a smart driver, with all the drive and protection know-how ”on board”. Available in both DIP and SO package, it can be triggered with a logic level or with the signalfrom an optocoupleror a pulse transformer. It filters parasitic inputsignals and drives any MOS or IGBT.

■ PEAK HIGH OUTPUT CURRENT CAPABILITY (+8A)
■ WIDE SUPPLY VOLTAGE RANGE (12.5 TO 18V)
■ 0 TO –7.5V NEGATIVE BIAS VOLTAGE SUPPLY RANGE
■ OVER CURRENT AND DESATURATION PROTECTION OF THE EXTERNAL POWER DEVICE (EXTERNALLY PROGRAMMABLE)
■ LATCH-UP PROTECTION (FOR IGBT)
■ TWO STEPS TURN-ON (PROGRAMMABLE)
■ PROTECTION AGAINST POSITIVE SUPPLY UNDER-VOLTAGE
■ INPUT COMPATIBLE WITH OPTOCOUPLER OR PULSE TRANSFORMER
■ PROGRAMMABLE TURN-ON DELAY
■ THERMAL PROTECTION WITH ON-CHIP OVER-TEMPERATURE ALARM AND TURNOFF PROCEDURE
■ OPERATING FREQUENCY UP TO 100kHz




Similar Part No. - L6353

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
L63 VCC-L63 Datasheet
371Kb / 4P
Front panel mounting
logo
Legrand North America, ...
L630 LEGRAND-L630  Datasheet
978Kb / 4P
Industrial Spec Grade Turnlok® Locking Devices 3 Wire 15, 20 & 30A; 125 & 250V, 277VAC
logo
Hamamatsu Corporation
L6301 HAMAMATSU-L6301 Datasheet
1Mb / 7P
The best light source is supported by the best electrode technology
L6302 HAMAMATSU-L6302 Datasheet
1Mb / 7P
The best light source is supported by the best electrode technology
L6303 HAMAMATSU-L6303 Datasheet
1Mb / 7P
The best light source is supported by the best electrode technology
More results


Similar Description - L6353

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TD300 STMICROELECTRONICS-TD300 Datasheet
135Kb / 8P
15V TRIPLE IGBT/MOS DRIVER
Jun-1998
TD310 STMICROELECTRONICS-TD310 Datasheet
82Kb / 9P
TRIPLE IGBT/MOS DRIVER
Oct-1997
logo
Advanced Power Technolo...
APT80GP60B2 ADPOW-APT80GP60B2 Datasheet
94Kb / 6P
POWER MOS 7 IGBT
APT50GP60J ADPOW-APT50GP60J Datasheet
98Kb / 6P
POWER MOS 7 IGBT
APT40GP60B2DF2 ADPOW-APT40GP60B2DF2 Datasheet
205Kb / 9P
POWER MOS 7 IGBT
APT25GP90BDF1 ADPOW-APT25GP90BDF1 Datasheet
209Kb / 9P
POWER MOS 7 IGBT
logo
Richtek Technology Corp...
RT9591 RICHTEK-RT9591 Datasheet
298Kb / 13P
Smart Photoflash Capacitor Charger with IGBT Driver
logo
Shenzhen Huazhimei Semi...
HM2101B HMSEMI-HM2101B Datasheet
580Kb / 9P
High power MOS tube, IGBT tube gate driver chip
logo
Dialog Semiconductor
IW248 DIALOG-IW248 Datasheet
1Mb / 18P
Smart IGBT Driver and Controller Solution for Inductive Heating Control
logo
Renesas Technology Corp
IW248 RENESAS-IW248 Datasheet
1Mb / 18P
Smart IGBT Driver and Controller Solution for Inductive Heating Control
08-Feb-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com