Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6353 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L6353
Description  SMART DRIVER FOR POWER MOS & IGBT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6353 Datasheet(HTML) 2 Page - STMicroelectronics

  L6353 Datasheet HTML 1Page - STMicroelectronics L6353 Datasheet HTML 2Page - STMicroelectronics L6353 Datasheet HTML 3Page - STMicroelectronics L6353 Datasheet HTML 4Page - STMicroelectronics L6353 Datasheet HTML 5Page - STMicroelectronics L6353 Datasheet HTML 6Page - STMicroelectronics L6353 Datasheet HTML 7Page - STMicroelectronics L6353 Datasheet HTML 8Page - STMicroelectronics L6353 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
DESCRIPTION (continued)
It monitors the on-state voltage drop of the driven
power device and protects it against overload and
short circuit.
The on-state voltage drop level is externally pro-
grammable from 5 to 15V. This function is inhib-
ited during the turn-on of the external power de-
vice for an externally programmable period.
An internal inhibition time of 200ns avoids false
triggering.
Overload or overheating are signalled on an
alarm output. If temperature continues to increase
the power output is switched off and maintained
in the off-state until the temperature decreases
below the low threshold. A programmable turn-on
delay avoids cross conduction in bridge configu-
rations.
To preserve the external power device (especially
IGBT) from the risk of latch-up, the gate voltage
can be risen in two different steps (of which the
first is externally programmable from 7 to 11V).
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage referred to COM pin
20
V
VSS
Negative Supply Voltage referred to COM pin
– 8 to 0
V
VPOS -VOUT1
Collector-Emitter Voltage of High Side NPN
25
V
VOUT2 -VSS
Drain-Source Voltage of Low Side DMOS
25
V
VEXT1
Externally Forced Voltage (pin 9)
-0.3 to VCC
V
VEXT2
Externally Forced Voltage (pins 4,7,10, 11, 12)
-0.3 to 7
V
IDELAY
Sink Current pin Delay
3
mA
IMON_DELAY
Sink Current Pin Mon_Delay
3
mA
VON_SENSE
Voltage on ON_SENSE Pin
VSS-0.3 to VCC
V
IOUT1
Positive Output Current (tp
≤1ms) (peak)
8
A
IOUT2
Negative Output Current (tp
≤1ms) (peak)
8
A
IINV_OUT
Output Current in INV_OUT Pin
±20
mA
IALARM
Output Current in ALARM Pin
±20
mA
Ptot
Total Power Dissipation
internally limited
Tamb
Operating Temperature Range
-25 to +85
°C
Tstg
Storage Temperature
-50 to +150
°C
THERMAL DATA
Symbol
Parameter
DIP16
SO16
Unit
Rthj-ambient
Thermal Resistance Junction-ambient
Max
80
90
°C/W
OUT1
VCC
VPOS
MON_DELAY
ALARM
VREF
INV_OUT
1
3
2
4
5
6
7
SELECT
VSS
ON_SENSE
COM
OUT2
CLAMP_PROG
ON_LEV_PROG
16
15
14
13
12
10
11
D94IN113A
DELAY
8
INPUT
9
PIN CONNECTION (top view)
L6353
2/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com