Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6353 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6353
Description  SMART DRIVER FOR POWER MOS & IGBT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6353 Datasheet(HTML) 1 Page - STMicroelectronics

  L6353 Datasheet HTML 1Page - STMicroelectronics L6353 Datasheet HTML 2Page - STMicroelectronics L6353 Datasheet HTML 3Page - STMicroelectronics L6353 Datasheet HTML 4Page - STMicroelectronics L6353 Datasheet HTML 5Page - STMicroelectronics L6353 Datasheet HTML 6Page - STMicroelectronics L6353 Datasheet HTML 7Page - STMicroelectronics L6353 Datasheet HTML 8Page - STMicroelectronics L6353 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
L6353
SMART DRIVER FOR POWER MOS & IGBT
PEAK HIGH OUTPUT CURRENT CAPABIL-
ITY (+8A)
WIDE SUPPLY VOLTAGE RANGE (12.5 TO
18V)
0 TO –7.5V NEGATIVE BIAS VOLTAGE SUP-
PLY RANGE
OVER
CURRENT
AND
DESATURATION
PROTECTION OF THE EXTERNAL POWER
DEVICE (EXTERNALLY PROGRAMMABLE)
LATCH-UP PROTECTION (FOR IGBT)
TWO STEPS TURN-ON (PROGRAMMABLE)
PROTECTION AGAINST POSITIVE SUPPLY
UNDER-VOLTAGE
INPUT COMPATIBLE WITH OPTOCOUPLER
OR PULSE TRANSFORMER
PROGRAMMABLE TURN-ON DELAY
THERMAL PROTECTION WITH ON-CHIP
OVER-TEMPERATURE ALARM AND TURN-
OFF PROCEDURE
OPERATING FREQUENCY UP TO 100kHz
DESCRIPTION
The L6353 device is a smart driver, with all the
drive and protection know-how ”on board”.
Available in both DIP and SO package, it can be
triggered with a logic level or with the signal from an
optocoupler or a pulse transformer. It filters parasitic
input signals and drives any MOS or IGBT.
February 2000
®
DIP16
2.5V
300
µA
+
−
1.25V
FILTER
200ns
1.25V
3.75V
3.15V
+
−
LOGIC
+
−
+
−
4V
ON_SENSE
ON_LEV_PROG
MON_DELAY
VSS
OUT2
OUT1
VPOS
ALARM
INV_OUT
INPUT
SELECT
DELAY
COM
D94IN106B
OUT1
CLAMPING
CLAMP_PROG
THERMAL
SHUTDOWN
+
− 3.15V
7.5V
−
+
SUPPLY
UV SENSE
REFERENCES
REF
VCC
BLOCK DIAGRAM
SO16
ORDERING NUMBERS: L6353 (DIP)
L6353D (SO)
1/11


Similar Part No. - L6353

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
L63 VCC-L63 Datasheet
371Kb / 4P
Front panel mounting
logo
Legrand North America, ...
L630 LEGRAND-L630  Datasheet
978Kb / 4P
Industrial Spec Grade Turnlok® Locking Devices 3 Wire 15, 20 & 30A; 125 & 250V, 277VAC
logo
Hamamatsu Corporation
L6301 HAMAMATSU-L6301 Datasheet
1Mb / 7P
The best light source is supported by the best electrode technology
L6302 HAMAMATSU-L6302 Datasheet
1Mb / 7P
The best light source is supported by the best electrode technology
L6303 HAMAMATSU-L6303 Datasheet
1Mb / 7P
The best light source is supported by the best electrode technology
More results

Similar Description - L6353

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TD300 STMICROELECTRONICS-TD300 Datasheet
135Kb / 8P
15V TRIPLE IGBT/MOS DRIVER
Jun-1998
TD310 STMICROELECTRONICS-TD310 Datasheet
82Kb / 9P
TRIPLE IGBT/MOS DRIVER
Oct-1997
logo
Advanced Power Technolo...
APT80GP60B2 ADPOW-APT80GP60B2 Datasheet
94Kb / 6P
POWER MOS 7 IGBT
APT50GP60J ADPOW-APT50GP60J Datasheet
98Kb / 6P
POWER MOS 7 IGBT
APT40GP60B2DF2 ADPOW-APT40GP60B2DF2 Datasheet
205Kb / 9P
POWER MOS 7 IGBT
APT25GP90BDF1 ADPOW-APT25GP90BDF1 Datasheet
209Kb / 9P
POWER MOS 7 IGBT
logo
Richtek Technology Corp...
RT9591 RICHTEK-RT9591 Datasheet
298Kb / 13P
Smart Photoflash Capacitor Charger with IGBT Driver
logo
Shenzhen Huazhimei Semi...
HM2101B HMSEMI-HM2101B Datasheet
580Kb / 9P
High power MOS tube, IGBT tube gate driver chip
logo
Dialog Semiconductor
IW248 DIALOG-IW248 Datasheet
1Mb / 18P
Smart IGBT Driver and Controller Solution for Inductive Heating Control
logo
Renesas Technology Corp
IW248 RENESAS-IW248 Datasheet
1Mb / 18P
Smart IGBT Driver and Controller Solution for Inductive Heating Control
08-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com