Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6353 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6353
Description  SMART DRIVER FOR POWER MOS & IGBT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6353 Datasheet(HTML) 4 Page - STMicroelectronics

  L6353 Datasheet HTML 1Page - STMicroelectronics L6353 Datasheet HTML 2Page - STMicroelectronics L6353 Datasheet HTML 3Page - STMicroelectronics L6353 Datasheet HTML 4Page - STMicroelectronics L6353 Datasheet HTML 5Page - STMicroelectronics L6353 Datasheet HTML 6Page - STMicroelectronics L6353 Datasheet HTML 7Page - STMicroelectronics L6353 Datasheet HTML 8Page - STMicroelectronics L6353 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DC ELECTRICAL CHARACTERISTICS (VPOS =VCC=15V; VSS = -5 to 0V; Tj = -25 to +125
°C; unless
otherwise specified)
Symbol
Pin
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vdrop
1VPOS -VOUT1
IOUT1 = 2A
2.5
V
VCC
2
Operating Supply Voltage
(referred to COM pin)
12.5
18
V
VCCth1
Under Voltage Upper
Threshold
10.5
11.5
12.5
V
VCCth2
Under Voltage Lower
Threshold
10
11
12
V
VCChys
Under Voltage Hysteresis
0.3
0.5
0.7
V
ICCq
Quiescent Supply Current
5
mA
Vd
4, 12
Output Voltage
pin floating
1.26
V
Iso
Sourced Current
pin grounding
20
µA
Isi
Sinked Current
pin at +5V
-20
µA
Vdrop_sig
5, 6
High State Output Voltage Drop
Iout = 20mA
VCC–3
V
Low State Output Voltage Drop
3
V
Vref
8
Output of Internal Voltage
Reference
Iref = 0A; Tj =25
°C
4.9
5
5.1
V
Iref < 10mA; Tj =25
°C
4.8
5.2
mA
Rin
7, 10
Comparator Input Resistance
100
Vdth
Comparator Threshold
3.15
V
Rins
13
Input Resistance
75
K
Iouts
Output Current
pin grounded
200
µA
VSS
14
Operating Negative Bias
Voltage
(referred to COM)
– 7
0
V
RON
16
On Resistance
OUT2 to VSS); IOUT2 = 2A
0.5
Vil
9
Low Level Voltage
(Logic Level Mode)
0
1
V
Vih
High Level Voltage
(Logic Level Mode)
4
VCC
V
Iin
Input Current
0<Vin<VCC
(Logic Level Mode)
–10
10
µA
tinh
Inhibited Parasitic Pulse
Duration
(Logic Level Mode)
200
300
ns
Vton
Turn-on Threshold Voltage
Referred to Vsel
(Pulse Transformer Mode)
1.5
V
Vtoff
Turn-off Threshold Voltage
Referred to Vsel
(Pulse Transformer Mode)
– 1.5
V
Vsl
11
Low Level Voltage
(Logic Level Mode)
0
1
V
Vsh
High Level Voltage
(Logic Level Mode)
2
VREF
V
Isl
Current Output of SELECT Pin
Vsl = 0V (Logic Level Mode)
300
µA
Vsel
Output Voltage of SELECT Pin
(Pulse Transformer Mode)
2.25
2.5
2.75
V
L6353
4/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com