Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD230D Datasheet(PDF) 10 Page - STMicroelectronics

Part # TD230D
Description  ELECTRONIC CIRCUIT BREAKER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD230D Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TD230D Datasheet HTML 6Page - STMicroelectronics TD230D Datasheet HTML 7Page - STMicroelectronics TD230D Datasheet HTML 8Page - STMicroelectronics TD230D Datasheet HTML 9Page - STMicroelectronics TD230D Datasheet HTML 10Page - STMicroelectronics TD230D Datasheet HTML 11Page - STMicroelectronics TD230D Datasheet HTML 12Page - STMicroelectronics TD230D Datasheet HTML 13Page - STMicroelectronics TD230D Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
TD230
TD230
TD230
TD230
BOARD1
BOARD2
BOARD3
BOARDN
Vcc+
P owe r S upply
GND
Vcc-
Figure 8 :
Decentralized Protection
Therefore, when a fault appears on the positive rail,
the definitive shutdown of the positive NMOS will
lead to the shutdown of the negative NMOS, but
when a fault appears on the negative rail, the
definitive shutdown of the negativeNMOS will have
no effect on the positive NMOS.
Several possibilities are offered to reset the whole
system when it has been led to definitive
shutdown :
• the card can be unplugged and plugged back
(live insertion)
• the INHIBIT pin can be set to active state dur-
ing a short time (100
µs typ or more) in the
case of remote control facilities
3. PERFORMANCES AND EVALUATION
All the curves shown in this application note have
been realized with the TD230 Evaluation Board.
The external conditions and components were as
listed hereafter :
• Vcc+ = 5V
• Vcc- = -5V
• Suppliable output short circuit current = 5A
• IC = TD230
• MOSFET 1 = BUZ71
• MOSFET 2 = BUZ71
• LBOOST = 220µH
• CBOOST = 100nF
• CTRIP1 =10µF
• CTRIP2 =10µF
• RS1 = 68mΩ
• RS2 = 68mΩ
• CSS1 = 1nF
• CSS2 = 1nF
• Positive Bypass = 4.7µF (plastic)
• Negative Bypass = 4.7µF (plastic)
The evaluation board is available and allows to test
the performances of the TD230. The layout and
schematic of this evaluation board are given on
figures 9A-9B-9C.
4. CAUTIONS
For proper use of the TD230 as a reliable protection
device, a few precautions must be taken :
1. Proper bypass capacitors must be connected as
close as possible to the power pins of the TD230
(PVcc, NVcc, GND). Some recommended values
are given in table (a).
2. The OSCGND pin must be tied to the GND pin
externally (printed board) to ensure proper step-up
converter reference. If not, the step-up converter
will not start.
3. The INHIBIT pin is a CMOS/TTL compatible input
which should therefore not be left unconnected.
The absolute maximum rating of this input is 7V. It
should be tied to the TTL compatible output of an
TD230
10/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com