Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD230D Datasheet(PDF) 12 Page - STMicroelectronics

Part # TD230D
Description  ELECTRONIC CIRCUIT BREAKER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD230D Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TD230D Datasheet HTML 7Page - STMicroelectronics TD230D Datasheet HTML 8Page - STMicroelectronics TD230D Datasheet HTML 9Page - STMicroelectronics TD230D Datasheet HTML 10Page - STMicroelectronics TD230D Datasheet HTML 11Page - STMicroelectronics TD230D Datasheet HTML 12Page - STMicroelectronics TD230D Datasheet HTML 13Page - STMicroelectronics TD230D Datasheet HTML 14Page - STMicroelectronics TD230D Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
TD230
S hutdown
Vcc +
Figure 10 :
Visual Alarm-Shutdown
Rs e ns e
TD230
C
R
Figure 11 : Step Up Noise Reduction
where CISS1/2 ,CSS1/2,VTH1/2 ,IP/N1 are respectively
the input capacitance, the soft start capacitor, the
threshold voltage and the internal gate current
sources of NMOS1/2 ; and where VSP1/2 ,CTRIP1/2 ,
IP/N2 are respectively the voltage source, current
source and external capacitor of the protection
mode pins PM1/2. Considering the typical values of
VSP1/2,IP/N2,IP/N1, and the fact that classical power
MOSFETs have a threshold voltage around 5V, this
condition can be translated to inequation (vi) :
• CTRIP1/2 > 0.8 x (CSS1/2 +CISS )(vi)
If CISS = 1nF and CSS1/2 = 4.7nF, CTRIP1/2 should
be superior to 4.56nF.
Table (b) summerizes Protection Mode Time Con-
stants corresponding to different CTRIP1/2 values.
Table (b) : Protection Mode Time Constants
CTRIP1/2
Time Constant Range
for Protection Mode
- Shutdown -
22nF
#10ms
220nF
#100ms
2.2
µF
#1s
22
µF
#10s
5. ENHANCEMENTS
The performances of TD230 are well adapted to
most of the circuit breaking applications in many
differents industry segments (Telecom, Automo-
tive, Industrial, Computer etc...), but in the case of
very demanding environment, or outstanding fea-
tures, the few following advices may be helpful.
5.1. Step-Up Noise Reduction
The inductive step-up converter inevitably gener-
ates current peaks in the output of the power switch
which, in most cases are, are not worrying. But in
some very demanding applications, it is necessary
to remove this noise.
A good way to eliminate such peaks is to add a
resistor connected in series with the inductance
and an electrolytic capacitor between the common
point of resistor and inductance, and ground of the
Step-Up Converter as shown on figure 11.
The resistor’s voltage drop will be due to the prod-
uct of the average consumption current with the
resistor’s value and the inductive current peaks will
be totally absorbed by the capacitor. With a 100
Ω
resistor, the voltage drop is negligible and the
attenuationgood with a 4.7
µF as shown on
figure 12.
Figure 12 : Step Up Noise Reduction
TD230
12/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com