Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD340ID Datasheet(PDF) 8 Page - STMicroelectronics

Part # TD340ID
Description  H-BRIDGE QUAD POWER MOSFET DRIVER FOR DC MOTOR CONTROL
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD340ID Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TD340ID Datasheet HTML 4Page - STMicroelectronics TD340ID Datasheet HTML 5Page - STMicroelectronics TD340ID Datasheet HTML 6Page - STMicroelectronics TD340ID Datasheet HTML 7Page - STMicroelectronics TD340ID Datasheet HTML 8Page - STMicroelectronics TD340ID Datasheet HTML 9Page - STMicroelectronics TD340ID Datasheet HTML 10Page - STMicroelectronics TD340ID Datasheet HTML 11Page - STMicroelectronics TD340ID Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
TD340
8/21
Figure 2 : PWM Analog and Digital Modes
Active (synchronous) rectification for free-wheel current
A motor is an inductive load. When driven in PWM mode, motor current is switched on and off at the
25kHz frequency. When the MOS is switched off, current can not instantaneously drop to zero, a so-called
”free-wheel” current arises in the same direction than the power current. A path for this current must be
provided, otherwise high voltage could arise and destroy the component. The classical way to handle this
situation is to connect a diode in an anti-parallel configuration regarding to the MOS, so that current can
continue to flow through this diode, and finally vanishes by the means of ohmic dissipation, mainly in the
diode due to its 0.8V direct voltage. For high currents, dissipation can be an important issue (eg: 10A x
0.8V makes 8 W!). Furthermore, high speed diodes have to be used, and are expensive.
A more efficient way to handle this problem is to use the high side MOS as a synchronous rectifier. In this
mode, the upper MOS is switched ON when the lower one is switched OFF, and carries the free-wheel
current with much lower ohmic dissipation. Advantages are : one expensive component less (the fast
power diode), and more reliability due to the lower dissipation level.
However, we have to take care not to drive the two MOS simultaneously. To avoid transient problems
when the MOS are switched, a deadtime is inserted between the opening of one MOS, and the closing of
the other one. In the TD340 device, the deadtime is fixed to about 2.5 microseconds. This value is the time
between the commands of the gate drivers, not the deadtime between the actual MOS states because of
the rising and falling times of the gate voltages (due to capacitance), and the MOS characteristics. The
actual value of the deadtime for a typical configuration is about 1.5 microseconds.
Figure 3 shows the synchronous rectification principle
Table 1 summarizes the status of the Mosfets (and the speed and direction of the motor) according to the
Inputs (IN1 and IN2) status in analog and logic modes.
M
µP
TD340
IN1
CF
PWM
PWM
0V
5V
M
µP
TD340
IN1
PWM
PWM
0V
5V
ANALOG INPUT
+ CF (270pF)
DIGITAL INPUT
+ CF GROUNDED
PWM OUTPUT
PWM OUTPUT
CF
Vbatt
Vbatt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com