Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD340ID Datasheet(PDF) 13 Page - STMicroelectronics

Part # TD340ID
Description  H-BRIDGE QUAD POWER MOSFET DRIVER FOR DC MOTOR CONTROL
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD340ID Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TD340ID Datasheet HTML 9Page - STMicroelectronics TD340ID Datasheet HTML 10Page - STMicroelectronics TD340ID Datasheet HTML 11Page - STMicroelectronics TD340ID Datasheet HTML 12Page - STMicroelectronics TD340ID Datasheet HTML 13Page - STMicroelectronics TD340ID Datasheet HTML 14Page - STMicroelectronics TD340ID Datasheet HTML 15Page - STMicroelectronics TD340ID Datasheet HTML 16Page - STMicroelectronics TD340ID Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
TD340
13/21
Watchdog circuit
An integrated Watchdog circuit resets the microcontroller when a periodic signal
coming from the
microcontroller is missing after an externally adjustable Time out delay.
Watchdog timeout is adjustable by means of a capacitor Cwd between CWD pin and GND. This capacitor
should be placed as close as possible to the CWD pin.
Watchdog function can be inhibited by tying the CWD pin to ground.
Timeout range is from about 1ms to 1s, approximate value is given by:
Twd = 1 + (20 x Cwd)
(Twd in ms, and Cwd in nF).
When the watchdog timeout triggers, the reset output is pulsed once low for 20 microseconds, and the
driver outputs are set to ground (MOS switched off). TD340 stays in disable state (MOS off) until pulses
appear again on WD pin.
Figure 7 : Watchdog waveforms
Temperature output
The TD340 provides a temperature indicator with the TEMP output.
TEMP voltage is 2.68V at 25
°C with a temperature coefficient of -7.5mV/°C.
The goal of this function is to provide a rough temperature indication to the uP. It allows the system
designer to adapt the behavior of the application to the ambient temperature.
The TEMP output must be connected to a high impedance input. Maximum available current is 1uA.
t
t
tipw
tw d
treset
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com