Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL55NH3LL Datasheet(PDF) 11 Page - STMicroelectronics

Part # STL55NH3LL
Description  N-channel 30 V, 0.0079 Ω, 15 A, PowerFLAT??(6x5) ultra low gate charge STripFET™Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL55NH3LL Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STL55NH3LL Datasheet HTML 6Page - STMicroelectronics STL55NH3LL Datasheet HTML 7Page - STMicroelectronics STL55NH3LL Datasheet HTML 8Page - STMicroelectronics STL55NH3LL Datasheet HTML 9Page - STMicroelectronics STL55NH3LL Datasheet HTML 10Page - STMicroelectronics STL55NH3LL Datasheet HTML 11Page - STMicroelectronics STL55NH3LL Datasheet HTML 12Page - STMicroelectronics STL55NH3LL Datasheet HTML 13Page - STMicroelectronics STL55NH3LL Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
STL55NH3LL
Package mechanical data
11/14
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com