Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL55NH3LL Datasheet(PDF) 12 Page - STMicroelectronics

Part # STL55NH3LL
Description  N-channel 30 V, 0.0079 Ω, 15 A, PowerFLAT??(6x5) ultra low gate charge STripFET™Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL55NH3LL Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STL55NH3LL Datasheet HTML 6Page - STMicroelectronics STL55NH3LL Datasheet HTML 7Page - STMicroelectronics STL55NH3LL Datasheet HTML 8Page - STMicroelectronics STL55NH3LL Datasheet HTML 9Page - STMicroelectronics STL55NH3LL Datasheet HTML 10Page - STMicroelectronics STL55NH3LL Datasheet HTML 11Page - STMicroelectronics STL55NH3LL Datasheet HTML 12Page - STMicroelectronics STL55NH3LL Datasheet HTML 13Page - STMicroelectronics STL55NH3LL Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Package mechanical data
STL55NH3LL
12/14
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
0.80
0.83
0.93
0.031
0.032
0.036
A1
0.02
0.05
0.0007
0.0019
A3
0.20
0.007
b
0.35
0.40
0.47
0.013
0.015
0.018
D
5.00
0.196
D1
4.75
0.187
D2
4.15
4.20
4.25
0.163
0.165
0.167
E
6.00
0.236
E1
5.75
0.226
E2
3.43
3.48
3.53
0.135
0.137
0.139
E4
2.58
2.63
2.68
0.103
0.105
e
1.27
0.050
L
0.70
0.80
0.90
0.027
0.031
0.035
PowerFLAT™ (6x5) MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com