Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2005 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA2005
Description  20W BRIDGE AMPLIFIER FOR CAR RADIO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2005 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA2005 Datasheet HTML 1Page - STMicroelectronics TDA2005 Datasheet HTML 2Page - STMicroelectronics TDA2005 Datasheet HTML 3Page - STMicroelectronics TDA2005 Datasheet HTML 4Page - STMicroelectronics TDA2005 Datasheet HTML 5Page - STMicroelectronics TDA2005 Datasheet HTML 6Page - STMicroelectronics TDA2005 Datasheet HTML 7Page - STMicroelectronics TDA2005 Datasheet HTML 8Page - STMicroelectronics TDA2005 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TDA2005
20W BRIDGE AMPLIFIER FOR CAR RADIO
October 1998
1
2
3
4
5
6
7
9
10
11
8
BOOTSTRAP(1)
INPUT-(1)
SVRR
GND
INPUT-(2)
INPUT+(2)
OUTPUT(2)
+VS
OUTPUT(1)
INPUT+(1)
TAB CONNECTED TO PIN 6
D95AU318
BOOTSTRAP(2)
PIN CONNECTION
MULTIWATT11
ORDERING NUMBERS : TDA2005M (Bridge Appl.)
TDA2005S (Stereo Appl.)
®
High output power : PO = 10 + 10 W@RL =2
Ω,
d = 10% ; PO = 20W@RL =4
Ω ,d = 1 %.
High reliability of the chip and package with addi-
tional complete safety during operation thanks to
protection against :
.
OUTPUT DC AND AC SHORT CIRCUIT TO
GROUND
.
OVERRATING CHIP TEMPERATURE
.
LOAD DUMP VOLTAGE SURGE
.
FORTUITOUS OPEN GROUND
.
VERY INDUCTIVE LOADS
Flexibility in use : bridge or stereo booster ampli-
fiers with or without boostrap and with programma-
ble gain and bandwidth.
Space and cost saving : very low number of
external components, very simple mounting sys-
tem with no electrical isolation between the pack-
age and the heatsink (one screw only).
In addition, the circuit offers loudspeaker protec-
tion during short circuit for one wire to ground.
DESCRIPTION
The TDA2005 is class B dual audio power amplifier
in MULTIWATT
® packagespecifically designed for
car radio application : power booster amplifiers
are easily designed using this device that provides
a high current capability (up to 3.5 A) and that can
drive very low impedance loads (down to 1.6
Ω in
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vs
Operating Supply Voltage
18
V
Vs
DC Supply Voltage
28
V
Vs
Peak Supply Voltage (for 50 ms)
40
V
Io (*)
Output Peak Current (non repetitive t = 0.1 ms)
4.5
A
Io (*)
Output Peak Current (repetitive f
≥ 10 Hz)
3.5
A
Ptot
Power Dissipation at Tcase =60
°C
30
W
Tstg,Tj
Storage and Junction Temperature
– 40 to 150
°C
(*) The max. output current is internally limited.
1/20


Similar Part No. - TDA2005

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TDA2005 UTC-TDA2005 Datasheet
518Kb / 16P
20W BRIDGE AMPLIFIER FOR CAR RADIO
logo
STMicroelectronics
TDA2005 STMICROELECTRONICS-TDA2005 Datasheet
638Kb / 25P
20 W bridge/stereo amplifier for car radio
17-Sep-2013
logo
Unisonic Technologies
TDA2005G-H14-B-T UTC-TDA2005G-H14-B-T Datasheet
518Kb / 16P
20W BRIDGE AMPLIFIER FOR CAR RADIO
TDA2005G-J11-A-T UTC-TDA2005G-J11-A-T Datasheet
518Kb / 16P
20W BRIDGE AMPLIFIER FOR CAR RADIO
TDA2005L-H14-B-T UTC-TDA2005L-H14-B-T Datasheet
518Kb / 16P
20W BRIDGE AMPLIFIER FOR CAR RADIO
More results

Similar Description - TDA2005

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1396 NTE-NTE1396 Datasheet
23Kb / 3P
Integrated Circuit 20W Bridge Booster for Car Radio
logo
STMicroelectronics
TDA7241B STMICROELECTRONICS-TDA7241B Datasheet
110Kb / 7P
20W BRIDGE AMPLIFIER FOR CAR RADIO
Jul-1997
TDA7350A STMICROELECTRONICS-TDA7350A Datasheet
324Kb / 22P
22W BRIDGE-STEREO AMPLIFIER FOR CAR RADIO
Apr-1995
TDA7374B STMICROELECTRONICS-TDA7374B Datasheet
171Kb / 13P
DUAL BRIDGE AUDIO AMPLIFIER FOR CAR RADIO
Apr-1995
logo
Unisonic Technologies
A7240 UTC-A7240 Datasheet
106Kb / 6P
20W BRIDGE AMPLIFIER FOR CAR RADIO
logo
STMicroelectronics
TDA7350A STMICROELECTRONICS-TDA7350A_05 Datasheet
491Kb / 23P
22W BRIDGE-STEREO AMPLIFIER FOR CAR RADIO
Feb-2005
logo
Unisonic Technologies
PA2005 UTC-PA2005 Datasheet
522Kb / 16P
20W BRIDGE AMPLIFIER FOR CAR RADIO
TDA2005 UTC-TDA2005 Datasheet
518Kb / 16P
20W BRIDGE AMPLIFIER FOR CAR RADIO
A7240 UTC-A7240_15 Datasheet
195Kb / 6P
20W BRIDGE AMPLIFIER FOR CAR RADIO
PA2005 UTC-PA2005_15 Datasheet
522Kb / 16P
20W BRIDGE AMPLIFIER FOR CAR RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com