Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2005S Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA2005S
Description  20W BRIDGE AMPLIFIER FOR CAR RADIO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2005S Datasheet(HTML) 4 Page - STMicroelectronics

  TDA2005S Datasheet HTML 1Page - STMicroelectronics TDA2005S Datasheet HTML 2Page - STMicroelectronics TDA2005S Datasheet HTML 3Page - STMicroelectronics TDA2005S Datasheet HTML 4Page - STMicroelectronics TDA2005S Datasheet HTML 5Page - STMicroelectronics TDA2005S Datasheet HTML 6Page - STMicroelectronics TDA2005S Datasheet HTML 7Page - STMicroelectronics TDA2005S Datasheet HTML 8Page - STMicroelectronics TDA2005S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ELECTRICAL CHARACTERISTICS (refer to the Bridge applicationcircuit, Tamb =25
oC, GV = 50dB,
Rth (heatsink)=4
oC/W, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vs
Supply Voltage
8
18
V
Vos
Output Offset Voltage (1)
(between pin 8 and pin 10)
Vs = 14.4V
Vs = 13.2V
150
150
mV
mV
Id
Total Quiescent Drain Current
Vs = 14.4V
RL =4
Vs = 13.2V
RL = 3.2
75
70
150
160
mA
mA
Po
Output Power
d = 10%
f = 1 Hz
Vs = 14.4V
RL =4
RL = 3.2
Vs = 13.2V
RL = 3.2
18
20
17
20
22
19
W
d
Distortion
f = 1kHz
Vs = 14.4V
RL =4
Po = 50mW to 15W
Vs = 13.2V
RL = 3.2
Po = 50mW to 13W
1
1
%
%
Vi
Input Sensitivity
f = 1kHz
Po =2W
RL =4
Po =2W
RL = 3.2
9
8
mV
mV
Ri
Input Resistance
f = 1kHz
70
k
fL
Low Frequency Roll Off (– 3dB)
RL = 3.2
40
Hz
fH
High Frequency Roll Off (– 3dB)
RL = 3.2
20
kHz
Gv
Closed Loop Voltage Gain
f = 1kHz
50
dB
eN
Total Input Noise Voltage
Rg = 10k
Ω (2)
310
µV
SVR
Supply Voltage Rejection
Rg = 10k
Ω,C4 =10µF
fripple = 100Hz, Vripple = 0.5V
45
55
dB
η
Efficiency
Vs = 14.4V, f = 1 kHz
Po = 20W
RL =4
Po = 22W
RL = 3.2
Vs = 13.2V, f = 1 kHz
Po = 19W
RL = 3.2
60
60
58
%
%
%
Tj
Thermal Shut-down Junction
Temperature
Vs = 14.4V, RL =4
f = 1kHz, Ptot = 13W
145
°C
VOSH
Output Voltage with one Side of
the Speaker shorted to ground
Vs = 14.4V
RL =4
Vs = 13.2V
RL = 3.2
2V
Notes :
1.
For TDA2005M only
2.
Bandwith Filter : 22Hz to 22kHz.
TDA2005
4/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com