Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2005S Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA2005S
Description  20W BRIDGE AMPLIFIER FOR CAR RADIO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2005S Datasheet(HTML) 5 Page - STMicroelectronics

  TDA2005S Datasheet HTML 1Page - STMicroelectronics TDA2005S Datasheet HTML 2Page - STMicroelectronics TDA2005S Datasheet HTML 3Page - STMicroelectronics TDA2005S Datasheet HTML 4Page - STMicroelectronics TDA2005S Datasheet HTML 5Page - STMicroelectronics TDA2005S Datasheet HTML 6Page - STMicroelectronics TDA2005S Datasheet HTML 7Page - STMicroelectronics TDA2005S Datasheet HTML 8Page - STMicroelectronics TDA2005S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Figure 5 :
Distortion versus Output Power
(bridge amplifier)
BRIDGE AMPLIFIER DESIGN
The following consideraions can be useful when designing a bridge amplifier.
Parameter
Single Ended
Bridge
Vomax
Peak Output Voltage (before clipping)
1
2
(Vs –2 VCE sat)
Vs –2 VCE sat
Io max
Peak Output Current (before clippling)
1
2
VS
− 2VCE sat
RL
VS
2VCE sat
RL
Pomax
RMS Output Power (before clipping)
1
4
(VS − 2VCE sat)2
2RL
(VS
2VCE sat)2
2RL
Where :
VCE sat = output transistors saturation voltage
VS = allowable supply voltage
RL = load impedance
Figure 3 :
Output Offset Voltage versus
Supply Voltage
Figure 4 :
Distortion versus Output Power
(bridge amplifier)
TDA2005
5/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com