Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2008 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA2008
Description  12W AUDIO AMPLIFIER Vs = 22V, RL= 4ohm
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2008 Datasheet(HTML) 7 Page - STMicroelectronics

  TDA2008 Datasheet HTML 1Page - STMicroelectronics TDA2008 Datasheet HTML 2Page - STMicroelectronics TDA2008 Datasheet HTML 3Page - STMicroelectronics TDA2008 Datasheet HTML 4Page - STMicroelectronics TDA2008 Datasheet HTML 5Page - STMicroelectronics TDA2008 Datasheet HTML 6Page - STMicroelectronics TDA2008 Datasheet HTML 7Page - STMicroelectronics TDA2008 Datasheet HTML 8Page - STMicroelectronics TDA2008 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Component
Recommended
value
Purpose
Larger than
recommended value
Smaller than
recommended value
C1
2.2
µF
Input DC decoupling
Noise at switch-on,
switch-off
C2
470
µF
Ripple rejection.
Degradation of SVR.
C3
0.1
µF
Supply by passing.
Danger of oscillation.
C4
1000
µF
Output coupling.
Higher low frequency
cutoff.
C5
0.1
µF
Frequency stability.
Danger of oscillation
at high frequencies
with inductive loads.
R1
(Gv -1)
• R2
Setting of gain. (*)
Increase of drain
current.
R2
2.2
Ω
Setting of gain and
SVR.
Degradation of SVR.
R3
1
Ω
Frequency stability.
Danger of oscillation
at high frequencies
with inductive loads.
PRACTICAL CONSIDERATIONS
Printed circuit board
The layout shown in Fig. 2 is recommended. If
different layouts are used, the ground points of input
1 and input 2 must be well decoupled from the
ground of the output through which a rather high
current flows.
Assembly suggestion
No electrical insulation is needed between the
package and the heat-sink. Pin length should be as
short as possible. The soldering temperature must
not exceed 260
°C for 12 seconds.
Application suggestions
The recommended component values are those
shown in the application circuits of Fig. 1. Different
values can be used. The following table is intended
to aid the car-radio designer.
(*) The closed loop gain must be higher than 26dB.
7/9
TDA2008



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com