Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2008 Datasheet (PDF) - STMicroelectronics

TDA2008 Datasheet PDF - STMicroelectronics
Part # TDA2008
Download  TDA2008 Download
File Size   116.58 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 12W AUDIO AMPLIFIER Vs = 22V, RL= 4ohm

TDA2008 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA2008 Datasheet PDF - STMicroelectronics

Part # TDA2008
Download  TDA2008 Click to download

File Size   116.58 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 12W AUDIO AMPLIFIER Vs = 22V, RL= 4ohm

TDA2008 Datasheet (HTML) - STMicroelectronics


TDA2008 Product details

DESCRIPTION

The TDA2008 is a mololithic class B audio power amplifier in Pentawatt package designed for driving low impedenceloads(down to 3.2Ω). Thedivice provides a high output current capability(up to 3A), very low harmonic and crossover distortion. In addition,the device offers the following features:



– very low number of external components;

– assembly ease, due to Pentawatt power package with no electrical insulationsre quirements;

– space and cost saving;

– high reliability;

– flexibility in use;

– thermal protection.



 




Similar Part No. - TDA2008

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TDA2002 FAIRCHILD-TDA2002 Datasheet
374Kb / 9P
8 WATT AUDIO POWER AMPLIFIERS
TDA2002AH FAIRCHILD-TDA2002AH Datasheet
374Kb / 9P
8 WATT AUDIO POWER AMPLIFIERS
TDA2002AV FAIRCHILD-TDA2002AV Datasheet
374Kb / 9P
8 WATT AUDIO POWER AMPLIFIERS
TDA2002H FAIRCHILD-TDA2002H Datasheet
374Kb / 9P
8 WATT AUDIO POWER AMPLIFIERS
TDA2002V FAIRCHILD-TDA2002V Datasheet
374Kb / 9P
8 WATT AUDIO POWER AMPLIFIERS
More results


Similar Description - TDA2008

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1850 NTE-NTE1850 Datasheet
28Kb / 3P
Integrated Circuit Dual 12W/Channel Audio Power Amplifier
NTE7146 NTE-NTE7146 Datasheet
26Kb / 2P
Integrated Circuit Dual (12W 12W) Stereo Amplifier w/Muting
logo
STMicroelectronics
TDA2006 STMICROELECTRONICS-TDA2006 Datasheet
193Kb / 12P
12W AUDIO AMPLIFIER
May-1995
logo
Tripath Technology Inc.
TA2021B TRIPATH-TA2021B Datasheet
268Kb / 12P
STEREO 25W (4OHM) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TK2019 TRIPATH-TK2019 Datasheet
414Kb / 21P
STEREO 20W (4OHM) CLASS-T DIGITAL AUDIO AMPLIFIER
logo
Maxim Integrated Produc...
MAX9741 MAXIM-MAX9741 Datasheet
43Kb / 1P
12W12W, Filterless, Spread-Spectrum, Stereo, Class D Amplifier
Rev 0; 10/05
logo
Toshiba Semiconductor
TA7274P TOSHIBA-TA7274P Datasheet
624Kb / 9P
12W BTL AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA3002 ANPEC-APA3002 Datasheet
587Kb / 29P
12W Stereo Class-D Audio Power Amplifier
logo
NTE Electronics
NTE1832 NTE-NTE1832 Datasheet
84Kb / 4P
Integrated Circuit BTL Audio Power Amplifier, 12W
logo
Lowpower Semiconductor ...
LPA2101 POWER-LPA2101 Datasheet
1Mb / 18P
Build in EQ Function 12W Class-D Audio Amplifier With AGC function
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com