Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2006 Datasheet (PDF) - STMicroelectronics

TDA2006 Datasheet PDF - STMicroelectronics
Part # TDA2006
Download  TDA2006 Download
File Size   193.19 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 12W AUDIO AMPLIFIER

TDA2006 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA2006 Datasheet PDF - STMicroelectronics

Part # TDA2006
Download  TDA2006 Click to download

File Size   193.19 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 12W AUDIO AMPLIFIER

TDA2006 Datasheet (HTML) - STMicroelectronics


TDA2006 Product details

DESCRIPTION
The TDA2006 is a monolithic integrated circuit in Pentawatt package, intended for use as a low frequency class "AB" amplifier. At ±12V, d = 10 % typically it provides 12W output power on a 4Ω load and 8W on a 8Ω . The TDA2006 provides high output current and has very low harmonic and cross-over distortion. Further the device incorporates an original (and patented) short circuit protection system comprising an arrangement for automatically limiting the dissipated power so as to keep the working point of the output transistors within their safe operating area. A conventional thermal shutdown system is also included. The TDA2006 is pin to pin equivalent to the TDA2030.




Similar Part No. - TDA2006

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TDA2002 FAIRCHILD-TDA2002 Datasheet
374Kb / 9P
8 WATT AUDIO POWER AMPLIFIERS
TDA2002AH FAIRCHILD-TDA2002AH Datasheet
374Kb / 9P
8 WATT AUDIO POWER AMPLIFIERS
TDA2002AV FAIRCHILD-TDA2002AV Datasheet
374Kb / 9P
8 WATT AUDIO POWER AMPLIFIERS
TDA2002H FAIRCHILD-TDA2002H Datasheet
374Kb / 9P
8 WATT AUDIO POWER AMPLIFIERS
TDA2002V FAIRCHILD-TDA2002V Datasheet
374Kb / 9P
8 WATT AUDIO POWER AMPLIFIERS
More results


Similar Description - TDA2006

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1390 NTE-NTE1390 Datasheet
23Kb / 3P
Integrated Circuit Audio Power Amplifier, 12W for Car Radio or Car Stereo
NTE1850 NTE-NTE1850 Datasheet
28Kb / 3P
Integrated Circuit Dual 12W/Channel Audio Power Amplifier
NTE7146 NTE-NTE7146 Datasheet
26Kb / 2P
Integrated Circuit Dual (12W 12W) Stereo Amplifier w/Muting
logo
STMicroelectronics
TDA2008 STMICROELECTRONICS-TDA2008 Datasheet
116Kb / 9P
12W AUDIO AMPLIFIER Vs = 22V, RL= 4ohm
Mar-1993
logo
Maxim Integrated Produc...
MAX9741 MAXIM-MAX9741 Datasheet
43Kb / 1P
12W12W, Filterless, Spread-Spectrum, Stereo, Class D Amplifier
Rev 0; 10/05
logo
Toshiba Semiconductor
TA7274P TOSHIBA-TA7274P Datasheet
624Kb / 9P
12W BTL AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA3002 ANPEC-APA3002 Datasheet
587Kb / 29P
12W Stereo Class-D Audio Power Amplifier
logo
NTE Electronics
NTE1832 NTE-NTE1832 Datasheet
84Kb / 4P
Integrated Circuit BTL Audio Power Amplifier, 12W
logo
Lowpower Semiconductor ...
LPA2101 POWER-LPA2101 Datasheet
1Mb / 18P
Build in EQ Function 12W Class-D Audio Amplifier With AGC function
logo
Maxim Integrated Produc...
MAX9741 MAXIM-MAX9741_V01 Datasheet
1Mb / 16P
12W12W, Low-EMI, Spread-Spectrum, Stereo, Class D Amplifier
19-3887; Rev 0; 2/06
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com