Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2006 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA2006
Description  12W AUDIO AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2006 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA2006 Datasheet HTML 1Page - STMicroelectronics TDA2006 Datasheet HTML 2Page - STMicroelectronics TDA2006 Datasheet HTML 3Page - STMicroelectronics TDA2006 Datasheet HTML 4Page - STMicroelectronics TDA2006 Datasheet HTML 5Page - STMicroelectronics TDA2006 Datasheet HTML 6Page - STMicroelectronics TDA2006 Datasheet HTML 7Page - STMicroelectronics TDA2006 Datasheet HTML 8Page - STMicroelectronics TDA2006 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TDA2006
12W AUDIO AMPLIFIER
May 1995
PENTAWATT
ORDERING NUMBERS : TDA2006V
TDA2006H
DESCRIPTION
The TDA2006 is a monolithic integrated circuit in
Pentawatt package, intended for use as a low
frequency class ”AB” amplifier. At
±12V, d = 10 %
typically it provides 12W output power on a 4
Ω load
and 8W on a 8
Ω . The TDA2006 provides high
output current and has very low harmonic and
cross-over distortion. Further the device incorpo-
rates an original (and patented)short circuit protec-
tion system comprising an arrangement for
automatically limiting the dissipated power so as to
keep the working point of the output transistors
within their safe operating area. A conventional
thermal shutdown system is also included. The
TDA2006 is pin to pin equivalent to the TDA2030.
TYPICAL APPLICATION CIRCUIT
1/12


Similar Part No. - TDA2006

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TDA2002 FAIRCHILD-TDA2002 Datasheet
374Kb / 9P
8 WATT AUDIO POWER AMPLIFIERS
TDA2002AH FAIRCHILD-TDA2002AH Datasheet
374Kb / 9P
8 WATT AUDIO POWER AMPLIFIERS
TDA2002AV FAIRCHILD-TDA2002AV Datasheet
374Kb / 9P
8 WATT AUDIO POWER AMPLIFIERS
TDA2002H FAIRCHILD-TDA2002H Datasheet
374Kb / 9P
8 WATT AUDIO POWER AMPLIFIERS
TDA2002V FAIRCHILD-TDA2002V Datasheet
374Kb / 9P
8 WATT AUDIO POWER AMPLIFIERS
More results

Similar Description - TDA2006

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1390 NTE-NTE1390 Datasheet
23Kb / 3P
Integrated Circuit Audio Power Amplifier, 12W for Car Radio or Car Stereo
NTE1850 NTE-NTE1850 Datasheet
28Kb / 3P
Integrated Circuit Dual 12W/Channel Audio Power Amplifier
NTE7146 NTE-NTE7146 Datasheet
26Kb / 2P
Integrated Circuit Dual (12W 12W) Stereo Amplifier w/Muting
logo
STMicroelectronics
TDA2008 STMICROELECTRONICS-TDA2008 Datasheet
116Kb / 9P
12W AUDIO AMPLIFIER Vs = 22V, RL= 4ohm
Mar-1993
logo
Maxim Integrated Produc...
MAX9741 MAXIM-MAX9741 Datasheet
43Kb / 1P
12W12W, Filterless, Spread-Spectrum, Stereo, Class D Amplifier
Rev 0; 10/05
logo
Toshiba Semiconductor
TA7274P TOSHIBA-TA7274P Datasheet
624Kb / 9P
12W BTL AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA3002 ANPEC-APA3002 Datasheet
587Kb / 29P
12W Stereo Class-D Audio Power Amplifier
logo
NTE Electronics
NTE1832 NTE-NTE1832 Datasheet
84Kb / 4P
Integrated Circuit BTL Audio Power Amplifier, 12W
logo
Lowpower Semiconductor ...
LPA2101 POWER-LPA2101 Datasheet
1Mb / 18P
Build in EQ Function 12W Class-D Audio Amplifier With AGC function
logo
Maxim Integrated Produc...
MAX9741 MAXIM-MAX9741_V01 Datasheet
1Mb / 16P
12W12W, Low-EMI, Spread-Spectrum, Stereo, Class D Amplifier
19-3887; Rev 0; 2/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com