Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2006 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA2006
Description  12W AUDIO AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2006 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA2006 Datasheet HTML 4Page - STMicroelectronics TDA2006 Datasheet HTML 5Page - STMicroelectronics TDA2006 Datasheet HTML 6Page - STMicroelectronics TDA2006 Datasheet HTML 7Page - STMicroelectronics TDA2006 Datasheet HTML 8Page - STMicroelectronics TDA2006 Datasheet HTML 9Page - STMicroelectronics TDA2006 Datasheet HTML 10Page - STMicroelectronics TDA2006 Datasheet HTML 11Page - STMicroelectronics TDA2006 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Figure 17 : Bridge Amplifier Configuration with Split Power Supply (PO = 24W, VS =
± 12V)
PRACTICAL CONSIDERATIONS
Printed Circuit Board
The layout shown in Figure 14 should be adopted
by the designers. If different layout are used, the
ground points of input 1 and input 2 must be well
decoupled from ground of the output on which a
rather high current flows.
Assembly Suggestion
No electrical isolation is needed between the pack-
age and the heat-sink with single supply voltage
configuration.
Application Suggestion
The recommended values of the components are
the ones shown on application circuits of Figure 13.
Different values can be used. The table 1 can help
the designers.
Table 1
Component
Recommanded
Value
Purpose
Larger Than
Recommanded Value
Smaller Than
Recommanded Value
R1
22 k
Ω
Closed Loop Gain Setting
Increase of Gain
Decrease of Gain (*)
R2
680
Ω
Closed Loop Gain Setting
Decrease of Gain (*)
Increase of Gain
R3
22 k
Ω
Non Inverting Input
Biasing
Increase of Input
Impedance
Decrease of Input
Impedance
R4
1
Ω
Frequency Stability
Danger of Oscillation at
High Frequencies with
Inductive Loads
R5
3R2
Upper Frequency Cut-off
Poor High Frequencies
Attenuation
Danger of Oscillation
C1
2.2
µF
Input DC Decoupling
Increase of Low
Frequencies Cut-off
C2
22
µF
Inverting Input DC
Decoupling
Increase of Low
Frequencies Cut-off
C3C4
0.1
µF
Supply Voltage by Pass
Danger of Oscillation
C5C6
100
µF
Supply Voltage by Pass
Danger of Oscillation
C7
0.22
µF
Frequency Stability
Danger of Oscillation
C8
1
2
πBR1
Upper Frequency Cut-off
Lower Bandwidth
Larger Bandwidth
D1D2
1N4001
To Protect the Device Against Output Voltage Spikes.
(*) Closed loop gain must be higher than 24dB.
TDA2006
8/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com