Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2006 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA2006
Description  12W AUDIO AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2006 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA2006 Datasheet HTML 1Page - STMicroelectronics TDA2006 Datasheet HTML 2Page - STMicroelectronics TDA2006 Datasheet HTML 3Page - STMicroelectronics TDA2006 Datasheet HTML 4Page - STMicroelectronics TDA2006 Datasheet HTML 5Page - STMicroelectronics TDA2006 Datasheet HTML 6Page - STMicroelectronics TDA2006 Datasheet HTML 7Page - STMicroelectronics TDA2006 Datasheet HTML 8Page - STMicroelectronics TDA2006 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ELECTRICAL CHARACTERISTICS
(refer to the test circuit ; VS =
± 12V, Tamb =25oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vs
Supply Voltage
± 6
± 15
V
Id
Quiescent Drain Current
Vs =
± 15V
40
80
mA
Ib
Input Bias Current
Vs =
± 15V
0.2
3
µA
VOS
Input Offset Voltage
Vs =
± 15V
± 8mV
IOS
Input Offset Current
Vs =
± 15V
± 80
nA
VOS
Output Offset Voltage
Vs =
± 15V
± 10 ± 100
mV
Po
Output Power
d = 10%, f = 1kHz
RL =4
Ω
RL =8
Ω
6
12
8
W
d
Distortion
Po = 0.1 to 8W, RL =4
Ω, f = 1kHz
Po = 0.1 to 4W, RL =8
Ω, f = 1kHz
0.2
0.1
%
%
Vi
Input Sensitivity
Po = 10W, RL =4
Ω, f = 1kHz
Po =6W, RL =8
Ω, f = 1kHz
200
220
mV
mV
B
Frequency Response (– 3dB)
Po =8W, RL =4
Ω
20Hz to 100kHz
Ri
Input Resistance (pin 1)
f = 1kHz
0.5
5
M
Ω
Gv
Voltage Gain (open loop)
f = 1kHz
75
dB
Gv
Voltage Gain (closed loop)
f = 1kHz
29.5
30
30.5
dB
eN
Input Noise Voltage
B (– 3dB) = 22Hz to 22kHz, RL =4
Ω
310
µV
iN
Input Noise Current
B (– 3dB) = 22Hz to 22kHz, RL =4
Ω
80
200
pA
SVR
Supply Voltage Rejection
RL =4
Ω,Rg = 22kΩ,fripple = 100Hz (*)
40
50
dB
Id
Drain Current
Po = 12W, RL =4
Ω
Po =8W, RL =8
Ω
850
500
mA
mA
Tj
Thermal Shutdown Junction
Temperature
145
°C
(*) Referring to Figure 15, single supply.
TDA2006
3/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com