Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2006 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA2006
Description  12W AUDIO AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2006 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA2006 Datasheet HTML 4Page - STMicroelectronics TDA2006 Datasheet HTML 5Page - STMicroelectronics TDA2006 Datasheet HTML 6Page - STMicroelectronics TDA2006 Datasheet HTML 7Page - STMicroelectronics TDA2006 Datasheet HTML 8Page - STMicroelectronics TDA2006 Datasheet HTML 9Page - STMicroelectronics TDA2006 Datasheet HTML 10Page - STMicroelectronics TDA2006 Datasheet HTML 11Page - STMicroelectronics TDA2006 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
SHORT CIRCUIT PROTECTION
Figure 18 : Maximum Output Current versus
Voltage VCE (sat) accross each Out-
put Transistor
Figure 19 : Safe Operating Area and Collector
Characteristics of the Protected
Power Transistor
The TDA2006 has an original circuit which limits
the current of the output transistors. Figure 18
shows that the maximum output current is a func-
tion of the collector emitter voltage ; hence the
output transistors work within their safe operating
area (Figure 19).
This function can therefore be considered as being
peak power limiting rather than simple current lim-
iting.
It reduces the possibility that the device gets dam-
aged during an accidental short circuit from AC
output to ground.
THERMAL SHUT DOWN
The presence of a thermal limiting circuit offers the
following advantages :
1) an overload on the output (even if it is
permanent), or an abo ve l imi t ambien t
temperature can be easily supported since the
Tj cannot be higher than 150
°C.
2) the heatsink can have a smaller factor of safety
compared with that of a conventional circuit.
There is no possibility of device damage due to
high junction temperature.
If for any reason, the junction temperature in-
creases up to 150
°C, the thermal shutdown simply
reduces the power dissipation and the current con-
sumption.
The maximum allowable power dissipation de-
pends upon the size of the external heatsink (i.e.
its thermal resistance) ; Figure 22 shows the dissi-
pable power as a function of ambient temperature
for different thermal resistances.
Figure 20 : Output Power and Drain Current ver-
sus Case Temlperature (RL =4
Ω)
Figure 21 : Output Power and Drain Current ver-
sus Case Temlperature (RL =8
Ω)
TDA2006
9/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com