Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2006 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA2006
Description  12W AUDIO AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2006 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA2006 Datasheet HTML 4Page - STMicroelectronics TDA2006 Datasheet HTML 5Page - STMicroelectronics TDA2006 Datasheet HTML 6Page - STMicroelectronics TDA2006 Datasheet HTML 7Page - STMicroelectronics TDA2006 Datasheet HTML 8Page - STMicroelectronics TDA2006 Datasheet HTML 9Page - STMicroelectronics TDA2006 Datasheet HTML 10Page - STMicroelectronics TDA2006 Datasheet HTML 11Page - STMicroelectronics TDA2006 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Figure 22 : Maximum Allowable Power Dissipa-
tion versus Ambient Temperature
DIMENSION SUGGESTION
The followingtable shows the length of the heatsink
in Figure 23 for several values of Ptot and Rth.
Ptot (W)
12
8
6
Lenght of Heatsink (mm)
60
40
30
Rth of Heatsink (
°C/W)
4.2
6.2
8.3
Figure 23 : Example of Heatsink
TDA2006
10/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com