Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW75NF30 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STW75NF30
Description  N-channel 300 V, 0.037 Ω, 60 A, TO-247 low gate charge STripFET??Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW75NF30 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STW75NF30 Datasheet HTML 3Page - STMicroelectronics STW75NF30 Datasheet HTML 4Page - STMicroelectronics STW75NF30 Datasheet HTML 5Page - STMicroelectronics STW75NF30 Datasheet HTML 6Page - STMicroelectronics STW75NF30 Datasheet HTML 7Page - STMicroelectronics STW75NF30 Datasheet HTML 8Page - STMicroelectronics STW75NF30 Datasheet HTML 9Page - STMicroelectronics STW75NF30 Datasheet HTML 10Page - STMicroelectronics STW75NF30 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
STW75NF30
Electrical characteristics
7/12
Figure 8.
Gate charge vs gate-source voltage Figure 9.
Capacitance variations
Figure 10. Normalized gate threshold volatge
vs temperature
Figure 11. Normalized on resistancevs
temperature
Figure 12. Source-drain diode forward
characteristics
Figure 13. Maximum avalanche energy vs
temperature
VGS
(
V)
8
6
4
2
50
100
150
200
Qg(nC)
10
12
VDD=240V
ID=60A
VGS=10V
0
AM00119v1
C
(
pF)
10
4
10
3
10
2
10
1
10
-1
10
0
10
1
10
2 VDS(V)
Ciss
Coss
Crss
AM00120v1
-75 -50 -25
025 50 75 100 125 150 TJ(°C)
VGS(th)
1.1
0.9
0.7
0.5
(norm)
0.6
0.8
1.0
AM00125v1
RDS(on)
2.5
2.0
1.5
1.0
0.5
0
-75 -50 -25
025
50
75 100 125 150 TJ(°C)
AM00126v1
VDS
(V)
0.4
0.5
0.6
0.7
0.8
0.9
0
10
20
3040
50
60
ISD(A)
25°C
150°C
TJ=-50°C
AM00123v1
EAS
(
mJ)
0
50
100
150
0
30
60
90
120 TJ(°C)
200
250
300
350
400
AM00121v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com