Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW75NF30 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW75NF30
Description  N-channel 300 V, 0.037 Ω, 60 A, TO-247 low gate charge STripFET??Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW75NF30 Datasheet(HTML) 1 Page - STMicroelectronics

  STW75NF30 Datasheet HTML 1Page - STMicroelectronics STW75NF30 Datasheet HTML 2Page - STMicroelectronics STW75NF30 Datasheet HTML 3Page - STMicroelectronics STW75NF30 Datasheet HTML 4Page - STMicroelectronics STW75NF30 Datasheet HTML 5Page - STMicroelectronics STW75NF30 Datasheet HTML 6Page - STMicroelectronics STW75NF30 Datasheet HTML 7Page - STMicroelectronics STW75NF30 Datasheet HTML 8Page - STMicroelectronics STW75NF30 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
July 2008
Rev 3
1/12
12
STW75NF30
N-channel 300 V, 0.037
Ω, 60 A, TO-247
low gate charge STripFET™ Power MOSFET
Features
■ Exceptional dv/dt capability
■ Low gate charge
■ 100% Avalanche tested
Application
■ Switching applications
Description
This Power MOSFET series realized with
STMicroelectronics unique STripFET™ process
has specifically been designed to minimize input
capacitance and gate charge. It is therefore
suitable as primary switch in advanced high-
efficiency isolated DC-DC converters
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
max
ID
pW
STW75NF30
300 V
< 0.045
Ω 60 A
320 W
TO-247
1
2
3
www.st.com
Table 1.
Device summary
Order code
Marking
Package
Packaging
STW75NF30
75NF30
TO-247
Tube


Similar Part No. - STW75NF30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW75NF20 STMICROELECTRONICS-STW75NF20 Datasheet
510Kb / 16P
N-channel 200V - 0.028 - 75A - D2PAK - TO-220 - TO-247 Low gate charge STripFET Power MOSFET
21-Mar-2007
logo
Inchange Semiconductor ...
STW75NF20 ISC-STW75NF20 Datasheet
367Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STW75NF30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW80NF10 STMICROELECTRONICS-STW80NF10 Datasheet
251Kb / 8P
N-CHANNEL 100V - 0.012ohm - 80A TO-247 LOW GATE CHARGE STripFET™ POWER MOSFET
Apr-2001
STP40N20 STMICROELECTRONICS-STP40N20 Datasheet
348Kb / 13P
N-CHANNEL 200V - 0.038 OHM - 40A TO-220/TO-247/D2PAK LOW GATE CHARGE STripFET MOSFET
03-Jun-2005
STP30NF20 STMICROELECTRONICS-STP30NF20 Datasheet
390Kb / 16P
N-channel 200V - 0.065Ω - 30A - TO-220/TO-247/D2PAK Low gate charge STripFET™Power MOSFET
18-Oct-2007
STB75NF20 STMICROELECTRONICS-STB75NF20 Datasheet
510Kb / 16P
N-channel 200V - 0.028 - 75A - D2PAK - TO-220 - TO-247 Low gate charge STripFET Power MOSFET
21-Mar-2007
STP40NF20 STMICROELECTRONICS-STP40NF20 Datasheet
480Kb / 17P
N-channel 200V - 0.038Ω -40A- D2PAK/TO-220/TO-220FP/TO-247 Low gate charge STripFET??Power MOSFET
06-Jul-2007
STW90NF20 STMICROELECTRONICS-STW90NF20 Datasheet
816Kb / 12P
N-channel 200 V, 0.019 Ω, 83 A, TO-247 low gate charge STripFET??Power MOSFET
04-Aug-2008
STB75N20 STMICROELECTRONICS-STB75N20 Datasheet
508Kb / 16P
N-channel 200V - 0.028廓 - 75A - D2PAK - TO-220 - TO-247 Low gate charge STripFET??Power MOSFET
19-Jul-2006
STF40N20 STMICROELECTRONICS-STF40N20 Datasheet
507Kb / 18P
N-channel 200V - 0.038 -40A- D2PAK/TO-220/TO-220FP/TO-247 Low gate charge STripFET Power MOSFET
16-Aug-2006
STW30N20 STMICROELECTRONICS-STW30N20 Datasheet
392Kb / 16P
N-channel 200V - 0.065 - 30A - TO-220/TO-247/D2PAK Low gate charge STripFET Power MOSFET
18-Oct-2007
STL20NF20 STMICROELECTRONICS-STL20NF20 Datasheet
777Kb / 12P
N-channel 200 V, 0.10 Ω, 15 A PowerFLAT™ (5x6) low gate charge STripFET™ Power MOSFET
11-Dec-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com