Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2030A Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA2030A
Description  18W Hi-Fi AMPLIFIER AND 35W DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2030A Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA2030A Datasheet HTML 7Page - STMicroelectronics TDA2030A Datasheet HTML 8Page - STMicroelectronics TDA2030A Datasheet HTML 9Page - STMicroelectronics TDA2030A Datasheet HTML 10Page - STMicroelectronics TDA2030A Datasheet HTML 11Page - STMicroelectronics TDA2030A Datasheet HTML 12Page - STMicroelectronics TDA2030A Datasheet HTML 13Page - STMicroelectronics TDA2030A Datasheet HTML 14Page - STMicroelectronics TDA2030A Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
MUSICAL INSTRUMENTS AMPLIFIERS
Another important field of application for active
systems is music.
In this area the use of several medium power
amplifiers is more convenient than a single high
power amplifier, and it is also more realiable.
A typical example (see Figure 21) consist of four
amplifiers each driving a low-cost, 12 inch loud-
speaker. This application can supply 80 to
160WRMS.
Figure 21 : High Power Active Box
for Musical Instrument
TRANSIENT INTERMODULATION DISTOR-
TION (TIM)
Transient intermodulation distortion is an unfortu-
nate phenomen associated with negative-feed-
back amplifiers. When a feedback amplifier
receives an input signal which rises very steeply,
i.e. contains high-frequencycomponents, the feed-
back can arrive too late so that the amplifiers
overloads and a burst of intermodulation distortion
will be produced as in Figure 22. Since transients
occur frequently in music this obviously a problem
for the designer of audio amplifiers. Unfortunately,
heavy negative feedback is frequency used to re-
duce the total harmonic distortion of an amplifier,
which tends to aggravate the transient intermodu-
lation (TIM situation. The best known method for
the measurement of TIM consists of feeding sine
waves superimposed onto square waves, into the
amplifier under test. The output spectrum is then
examined using a spectrum analyser and com-
pared to the input. This method suffers from serious
disadvantages : the accuracy is limited, the meas-
urement is a rather delicate operation and an ex-
pensive spectrum analyser is essential. A new
approach (see Technical Note 143) applied by
SGS-THOMSON to monolithic amplifiers measure-
ment is fast cheap-it requires nothing more sophis-
ticated than an oscilloscope - and sensitive - and it
can be used down to the values as low as 0.002%
in high power amplifiers.
Figure 22 : Overshoot Phenomenon in Feedback
Amplifiers
The ”inverting-sawtooh” method of measurement
is based on the response of an amplifier to a 20kHz
sawtooth waveform. The amplifier has no difficulty
following the slow ramp but it cannot follow the fast
edge. The output will follow the upper line in Fig-
ure 23 cutting of the shaded area and thus increas-
ing the mean level. If this output signal is filtered to
remove the sawtooth, direct voltage remains which
indicates the amount of TIM distortion, although it
is difficult to measure because it is indistinguish-
able from the DC offset of the amplifier. This prob-
lem is neatly avoided in the IS-TIM method by
periodically inverting the sawtooth waveform at a
low audio frequency as shown in Figure 24.
Figure 23 : 20kHz Sawtooth Waveform
Figure 24 : Inverting Sawtooth Waveform
TDA2030A
11/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com