Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2030A Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA2030A
Description  18W Hi-Fi AMPLIFIER AND 35W DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2030A Datasheet(HTML) 3 Page - STMicroelectronics

  TDA2030A Datasheet HTML 1Page - STMicroelectronics TDA2030A Datasheet HTML 2Page - STMicroelectronics TDA2030A Datasheet HTML 3Page - STMicroelectronics TDA2030A Datasheet HTML 4Page - STMicroelectronics TDA2030A Datasheet HTML 5Page - STMicroelectronics TDA2030A Datasheet HTML 6Page - STMicroelectronics TDA2030A Datasheet HTML 7Page - STMicroelectronics TDA2030A Datasheet HTML 8Page - STMicroelectronics TDA2030A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vs
Supply Voltage
± 22
V
Vi
Input Voltage
Vs
Vi
Differential Input Voltage
± 15
V
Io
Peak Output Current (internally limited)
3.5
A
Ptot
Total Power Dissipation at Tcase =90
°C
20
W
Tstg,Tj
Storage and Junction Temperature
– 40 to + 150
°C
ELECTRICAL CHARACTERISTICS
(Refer to the test circuit, VS =
± 16V, Tamb =25oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vs
Supply Voltage
± 6
± 22
V
Id
Quiescent Drain Current
50
80
mA
Ib
Input Bias Current
VS =
± 22V
0.2
2
µA
Vos
Input Offset Voltage
VS =
± 22V
± 2
± 20
mV
Ios
Input Offset Current
± 20 ± 200
nA
PO
Output Power
d = 0.5%, Gv = 26dB
f = 40 to 15000Hz
RL =4
Ω
RL =8
Ω
VS =
± 19V
RL =8
Ω
15
10
13
18
12
16
W
BW
Power Bandwidth
Po = 15W
RL =4
Ω
100
kHz
SR
Slew Rate
8
V/
µsec
Gv
Open Loop Voltage Gain
f = 1kHz
80
dB
Gv
Closed Loop Voltage Gain
f = 1kHz
25.5
26
26.5
dB
d
Total Harmonic Distortion
Po = 0.1 to 14W
RL =4
Ω
f = 40 to 15 000Hz
f = 1kHz
Po = 0.1 to 9W, f = 40 to 15 000Hz
RL =8
Ω
0.08
0.03
0.5
%
%
%
d2
Second Order CCIF Intermodulation
Distortion
PO = 4W, f2 –f1 = 1kHz, RL =4
Ω
0.03
%
d3
Third Order CCIF Intermodulation
Distortion
f1 = 14kHz, f2 = 15kHz
2f1 –f2 = 13kHz
0.08
%
eN
Input Noise Voltage
B = Curve A
B = 22Hz to 22kHz
2
310
µV
µV
iN
Input Noise Current
B = Curve A
B = 22Hz to 22kHz
50
80
200
pA
pA
S/N
Signal to Noise Ratio
RL =4
Ω,Rg = 10kΩ, B = Curve A
PO = 15W
PO =1W
106
94
dB
dB
Ri
Input Resistance (pin 1)
(open loop) f = 1kHz
0.5
5
M
Ω
SVR
Supply Voltage Rejection
RL =4
Ω,Rg = 22kΩ
Gv = 26dB, f = 100 Hz
54
dB
Tj
Thermal Shut-down Junction
Temperature
145
°C
TDA2030A
3/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com