Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2050H Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA2050H
Description  32W Hi-Fi AUDIO POWER AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2050H Datasheet(HTML) 2 Page - STMicroelectronics

  TDA2050H Datasheet HTML 1Page - STMicroelectronics TDA2050H Datasheet HTML 2Page - STMicroelectronics TDA2050H Datasheet HTML 3Page - STMicroelectronics TDA2050H Datasheet HTML 4Page - STMicroelectronics TDA2050H Datasheet HTML 5Page - STMicroelectronics TDA2050H Datasheet HTML 6Page - STMicroelectronics TDA2050H Datasheet HTML 7Page - STMicroelectronics TDA2050H Datasheet HTML 8Page - STMicroelectronics TDA2050H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Supply Voltage
±25
V
Vi
Input Voltage
VS
Vi
Differential Input Voltage
±15
V
IO
Output Peak Current (internally limited)
5
A
Ptot
Power Dissipation TCASE =75
°C25
W
Tstg,Tj
Storage and Junction Temperature
-40 to 150
°C
THERMAL DATA
Symbol
Description
Value
Unit
Rth j-case
Thermal Resistance junction-case
Max
3
°C/W
PIN CONNECTION (Top view)
TDA2050
2/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com