Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2050H Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA2050H
Description  32W Hi-Fi AUDIO POWER AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2050H Datasheet(HTML) 3 Page - STMicroelectronics

  TDA2050H Datasheet HTML 1Page - STMicroelectronics TDA2050H Datasheet HTML 2Page - STMicroelectronics TDA2050H Datasheet HTML 3Page - STMicroelectronics TDA2050H Datasheet HTML 4Page - STMicroelectronics TDA2050H Datasheet HTML 5Page - STMicroelectronics TDA2050H Datasheet HTML 6Page - STMicroelectronics TDA2050H Datasheet HTML 7Page - STMicroelectronics TDA2050H Datasheet HTML 8Page - STMicroelectronics TDA2050H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ELECTRICAL CHARACTERISTICS (Refer to the Test Circuit, VS =
±18V, Tamb =25°C, f = 1 kHz; un-
less otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply Voltage Range
±4.5
±25
V
Id
Quiescent Drain Current
VS =
±4.5V
VS =
±25V
30
55
50
90
mA
mA
Ib
Input Bias Current
VS =
±22V
0.1
0.5
µA
VOS
Input Offset Voltage
VS =
±22V
±15
mV
IOS
Input Offset Current
VS =
±22V
±200
nA
PO
RMS Output Power
d = 0.5%
RL =4
Ω
RL =8
Ω
VS =
±22V RL =8Ω
24
22
28
18
25
W
W
W
d = 10%
RL =4
Ω
RL =8
Ω
VS =
±22V RL =8Ω
35
22
32
W
W
W
Music Power
IEC268.3 RULES
d = 10%; T = 1s
VS =
±22.5V; RL =4Ω
50
W
d
Total Harmonic Distortion
RL =4
Ω
f = 1kHz, PO = 0.1 to 24W
f = 100Hz to 10kHz, PO = 0.1 to 18W
0.03
0.5
0.5
%
%
VS =
±22V RL =8Ω
f = 1kHz, PO = 0.1 to 20W
f = 100Hz to 10kHz, PO = 0.1 to 15W
0.02
0.5
%
%
SR
Slew Rate
5
8
V/
µs
GV
Open Loop Voltage Gain
80
dB
GV
Closed Loop Voltage Gain
30
30.5
31
dB
BW
Power Bandwidth (-3dB)
RL =4
Ω
Vi = 200mV
20 to 80,000
Hz
eN
Total Input Noise
curve A
B = 22Hz to 22kHz
4
510
µV
µV
Ri
Input Resistance (pin 1)
500
k
Ω
SVR
Supply Voltage Rejection
Rs = 22k
Ω; f = 100Hz;
Vripple = 0.5Vrms
45
dB
η
Efficiency
PO = 28W; RL =4
Ω
65
%
PO = 25W; RL =8
Ω;
VS =
±22V
67
%
Tsd-j
Thermal Shut-down
Junction Temperature
150
°C
TDA2050
3/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com