Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2052 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA2052
Description  60W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2052 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA2052 Datasheet HTML 1Page - STMicroelectronics TDA2052 Datasheet HTML 2Page - STMicroelectronics TDA2052 Datasheet HTML 3Page - STMicroelectronics TDA2052 Datasheet HTML 4Page - STMicroelectronics TDA2052 Datasheet HTML 5Page - STMicroelectronics TDA2052 Datasheet HTML 6Page - STMicroelectronics TDA2052 Datasheet HTML 7Page - STMicroelectronics TDA2052 Datasheet HTML 8Page - STMicroelectronics TDA2052 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TDA2052
60W Hi-Fi AUDIO POWER AMPLIFIER
WITH MUTE / STAND-BY
SUPPLY VOLTAGE RANGE UP TO
±25V
SPLIT SUPPLY OPERATION
HIGH OUTPUT POWER
(UP TO 60W MUSIC POWER)
LOW DISTORTION
MUTE/STAND-BY FUNCTION
NO SWITCH ON/OFF NOISE
AC SHORT CIRCUIT PROTECTION
THERMAL SHUTDOWN
ESD PROTECTION
DESCRIPTION
The TDA2052 is a monolithic integrated circuit in
Heptawatt package, intended for use as audio
class AB amplifier in TV or Hi-Fi field application.
Thanks to the wide voltage range and to the high
out current capability it’s able to supply the high-
est power into both 4
Ω and 8Ω loads even in
presence of poor supply regulation.
The built in Muting/Stand-by function simplifies
the remote operations avoiding also switching on-
off noises.
This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
February 1997
Heptawatt
ORDERING NUMBER: TDA2052
TEST AND APPLICATION CIRCUIT
1/13


Similar Part No. - TDA2052

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2052 STMICROELECTRONICS-TDA2052 Datasheet
4Mb / 14P
60W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY
Jan-2003
TDA2052 STMICROELECTRONICS-TDA2052 Datasheet
4Mb / 14P
60W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY
Jan-2003
TDA2052H STMICROELECTRONICS-TDA2052H Datasheet
4Mb / 14P
60W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY
Jan-2003
TDA2052V STMICROELECTRONICS-TDA2052V Datasheet
4Mb / 14P
60W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY
Jan-2003
TDA2052 STMICROELECTRONICS-TDA2052_03 Datasheet
4Mb / 14P
60W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY
Jan-2003
More results

Similar Description - TDA2052

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7296 STMICROELECTRONICS-TDA7296 Datasheet
241Kb / 13P
70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Sep-1997
TDA7296A STMICROELECTRONICS-TDA7296A Datasheet
241Kb / 13P
70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Jun-1996
TDA7296S STMICROELECTRONICS-TDA7296S Datasheet
248Kb / 11P
60V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Jun-2000
TDA7298 STMICROELECTRONICS-TDA7298 Datasheet
148Kb / 11P
28W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY
May-1997
TDA2052 STMICROELECTRONICS-TDA2052_03 Datasheet
4Mb / 14P
60W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY
Jan-2003
TDA7296 STMICROELECTRONICS-TDA7296_05 Datasheet
283Kb / 15P
70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Feb-2005
TDA2052V STMICROELECTRONICS-TDA2052V Datasheet
4Mb / 14P
60W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY
Jan-2003
TDA-7296 STMICROELECTRONICS-TDA-7296 Datasheet
291Kb / 15P
70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Feb-2005
TDA2052H STMICROELECTRONICS-TDA2052H Datasheet
4Mb / 14P
60W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY
Jan-2003
logo
Unisonic Technologies
TDA7269 UTC-TDA7269_15 Datasheet
244Kb / 7P
14W STEREO AMPLIFIER WITH MUTE & STAND-BY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com