Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2170 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA2170
Description  TV VERTICAL DEFLECTION OUTPUT CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2170 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA2170 Datasheet HTML 1Page - STMicroelectronics TDA2170 Datasheet HTML 2Page - STMicroelectronics TDA2170 Datasheet HTML 3Page - STMicroelectronics TDA2170 Datasheet HTML 4Page - STMicroelectronics TDA2170 Datasheet HTML 5Page - STMicroelectronics TDA2170 Datasheet HTML 6Page - STMicroelectronics TDA2170 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vs
Supply Voltage (pin 4)
35
V
V7,V8
Flyback Peak Voltage
60
V
V5
Voltage at Pin 5
+ Vs
V2,V3
Amplifier Input Voltage
+ Vs – 0.5
V
Io
Output Peak Current (non repetitive, t = 2 msec)
2.5
A
Io
Output Peak Current at f = 50 Hz, t
≤ 10 µsec
3A
Io
Output Peak Current at f = 50 Hz, t > 10
µsec
2A
I5
Pin 5 DC Current at V7 <V4
100
mA
I5
Pin 5 Peak to Peak Flyback Current at f = 50 Hz, tfly
≤ 1.5 msec
3A
Ptot
Total Power Dissipation at Tcase =60
°C
30
W
Tstg,Tj
Storage and Junction Temperature
– 40 to 150
°C
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth (j-c)
Thermal Resistance Junction-case
Max
3
°C/W
Rth (j-a)
Thermal Resistance Junction–ambient
Max
40
°C/W
ELECTRICAL CHARACTERISTICS
(refer to the test circuits, VS =35 V, Tamb =25
°C unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Fig.
I4
Pin 4 Quiescent Current
I5 =0 ; I7 =0 ; V3 = 3 V
8
16
mA
1a
I8
Pin 8 Quiescent Current
I5 =0 ; I7 =0 ; V3 =3 V
16
36
mA
1a
I3
Amplifier Input Bias Current
V3 = 1 V
– 0.1
– 1
µA
1a
I2
Amplifier Input Bias Current
V2 = 1 V
– 0.1
– 1
µA
1a
V9
Reference Voltage
I9 = 0
2.2
V
1a
∆V
9
∆VS
Reference Voltage Drift vs. Supply Voltage
VS = 15 to 30 V
1
2
mV/V
1a
V5L
Pin 5 Saturation Voltage to GND
I5 =20 mA
1
V
1c
V7
Quiescent Output Voltage
VS =35 V ; Ra =13 k
Ω
18
V
1d
VS =15 V ; Ra =13 k
Ω
7.5
V
1d
V7L
Output Saturation Voltage to GND
I7 = 1.2 A
1
1.4
V
1c
I7 = 0.7 A
0.7
1
V
1c
V7H
Output Saturation Voltage to Supply
– I7 = 1.2 A
1.6
2.2
V
1b
–I7 = 0.7 A
1.3
1.8
V
1b
R9
Reference Voltage Output Resistance
2.1
k
Ω
Tj
Junction Temperature for Thermal Shut
Down
140
°C
TDA2170
3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com