Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2170 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA2170
Description  TV VERTICAL DEFLECTION OUTPUT CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2170 Datasheet(HTML) 5 Page - STMicroelectronics

  TDA2170 Datasheet HTML 1Page - STMicroelectronics TDA2170 Datasheet HTML 2Page - STMicroelectronics TDA2170 Datasheet HTML 3Page - STMicroelectronics TDA2170 Datasheet HTML 4Page - STMicroelectronics TDA2170 Datasheet HTML 5Page - STMicroelectronics TDA2170 Datasheet HTML 6Page - STMicroelectronics TDA2170 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
COMPONENTS LIST FOR TYPICAL APPLICATIONS
Component
110
° TVC
5.9
Ω /10 mH
1.95 App
110
° TVC
9.6
Ω / 24.6 mH
1.2 App
90
° TVC
15
Ω /30 mH
0.82 App
Unit
RT1
10
4.7
10
k
Ω
R1
12
10
12
k
Ω
R2
10
5.6
5.6
k
Ω
R3
27
12
18
k
Ω
R4
12
8.2
5.6
k
Ω
R5
0.82
1
1
Ω
R6
270
330
330
Ω
R7
1.5
1.5
1.5
Ω
D1
1N 4001
1N 4001
1N 4001
–
C1
0.1
0.1
0.1
µF
C2 el.
1000/25 V
470/25 V
470/25 V
µF
C3 el.
220/25 V
220/25 V
220/25 V
µF
C4
0.22
0.22
0.22
µF
C5 el.
2200/25 V
2200/25 V
1000/16 V
µF
C6 el.
4.7/16 V
4.7/16 V
10/16 V
µF
Figure 3 : PC Board and Component Layout (1:1 scale)
TDA2170
5/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com