Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A2170 Datasheet(PDF) 1 Page - STMicroelectronics

Part # A2170
Description  TV VERTICAL DEFLECTION OUTPUT CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A2170 Datasheet(HTML) 1 Page - STMicroelectronics

  A2170 Datasheet HTML 1Page - STMicroelectronics A2170 Datasheet HTML 2Page - STMicroelectronics A2170 Datasheet HTML 3Page - STMicroelectronics A2170 Datasheet HTML 4Page - STMicroelectronics A2170 Datasheet HTML 5Page - STMicroelectronics A2170 Datasheet HTML 6Page - STMicroelectronics A2170 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TDA2170
TV VERTICAL DEFLECTION OUTPUT CIRCUIT
December 1992
11
10
9
8
7
6
5
4
3
2
1
Tab connected to Pin 6
NC
GND
REFERENCE VOLTAGE
OUTPUT STAGE SUPPLY
OUTPUT
GND
FLYBACK GENERATOR
SUPPLY VOLTAGE
NON INVERTING INPUT
INVERTING INPUT
NC
PIN CONNECTIONS
MULTIWATT 11
(Plastic Package)
ORDER CODE : TDA2170
The functions incorporated are :
.
POWER AMPLIFIER
.
FLYBACK GENERATOR
.
REFERENCE VOLTAGE
.
THERMAL PROTECTION
DESCRIPTION
The TDA2170 is a monolithic integrated circuit in
11-lead Multiwatt
® package. It is a high efficiency
power booster for direct driving of vertical windings
of TV yokes. It is intended for use in Colour are B
& W television receivers as well as in monitors and
displays.
1/7


Similar Part No. - A2170

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A217 ETC1-A217 Datasheet
461Kb / 2P
Casting Material: Alloy Steel A217 GR WC6
A2173-HBL ETC2-A2173-HBL Datasheet
80Kb / 8P
SPECIFICATION FOR APPROVAL
A2173-HBT ETC2-A2173-HBT Datasheet
80Kb / 8P
SPECIFICATION FOR APPROVAL
A2173-HSL ETC2-A2173-HSL Datasheet
80Kb / 8P
SPECIFICATION FOR APPROVAL
A2173-HST ETC2-A2173-HST Datasheet
80Kb / 8P
SPECIFICATION FOR APPROVAL
More results

Similar Description - A2170

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1782 NTE-NTE1782 Datasheet
22Kb / 2P
Integrated Circuit TV Vertical Deflection Output Circuit
logo
Panasonic Semiconductor
AN5520 PANASONIC-AN5520 Datasheet
170Kb / 3P
TV VERTICAL DEFLECTION OUTPUT CIRCUIT
logo
STMicroelectronics
TDA2270 STMICROELECTRONICS-TDA2270 Datasheet
134Kb / 7P
TV VERTICAL DEFLECTION OUTPUT CIRCUIT
Sep-1992
TDA8170 STMICROELECTRONICS-TDA8170 Datasheet
108Kb / 7P
TV VERTICAL DEFLECTION OUTPUT CIRCUIT
Dec-1997
TDA8172 STMICROELECTRONICS-TDA8172 Datasheet
60Kb / 5P
TV VERTICAL DEFLECTION OUTPUT CIRCUIT
May-1996
TDA8173 STMICROELECTRONICS-TDA8173 Datasheet
69Kb / 4P
TV VERTICAL DEFLECTION OUTPUT CIRCUIT
May-1993
TDA8175 STMICROELECTRONICS-TDA8175 Datasheet
55Kb / 3P
TV VERTICAL DEFLECTION OUTPUT CIRCUIT
Sep-1993
logo
Sanyo Semicon Device
LA7832 SANYO-LA7832 Datasheet
63Kb / 3P
Color TV Vertical Deflection Output Circuit
logo
Panasonic Semiconductor
AN5515 PANASONIC-AN5515 Datasheet
78Kb / 3P
TV Vertical Deflection Output Circuit
logo
List of Unclassifed Man...
AN5512 ETC-AN5512 Datasheet
147Kb / 3P
TV Vertical Deflection Output Circuit
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com