Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A2170 Datasheet(PDF) 6 Page - STMicroelectronics

Part # A2170
Description  TV VERTICAL DEFLECTION OUTPUT CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A2170 Datasheet(HTML) 6 Page - STMicroelectronics

  A2170 Datasheet HTML 1Page - STMicroelectronics A2170 Datasheet HTML 2Page - STMicroelectronics A2170 Datasheet HTML 3Page - STMicroelectronics A2170 Datasheet HTML 4Page - STMicroelectronics A2170 Datasheet HTML 5Page - STMicroelectronics A2170 Datasheet HTML 6Page - STMicroelectronics A2170 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TYPICAL PERFORMANCES
Parameter
110
° TVC
5.9
Ω /10mH
110
° TVC
9.6
Ω /27mH
90
° TVC
15
Ω /30 mH
Unit
Vs – Supply Voltage
24
22.5
25
V
Is – Current
280
175
125
mA
tfly – Flyback Time
0.6
1
0.7
ms
*Ptot – Power Dissipation
4.2
2.5
2.05
W
*Rth c–a – Heatsink
7
13
16
°C/W
Tamb
60
60
60
°C
Tj max
110
110
110
°C
to
20
20
20
ms
Vi
2.5
2.5
2.5
VPP
V7
50
47
52
VP
* Worst case condition.
MOUNTING INSTRUCTIONS
The power dissipated in the circuit must be re-
moved by adding an external heatsink.
Thanks to the MULTIWATT
® package attaching
the heatsink is very simple, a screw or a compres-
sion spring (clip) being sufficient. Between the
heatsink and the package it is better to insert a layer
of silicon grease, to optimize the thermal contact ;
no electrical isolation is needed between the two
surfaces.
Figure 2 : Application Circuit
Figure 5 : Maximum Allowable Power Dissipation versus Ambient Temperature
TDA2170
6/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com