Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2822D Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA2822D
Description  DUAL LOW-VOLTAGE POWER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2822D Datasheet(HTML) 1 Page - STMicroelectronics

  TDA2822D Datasheet HTML 1Page - STMicroelectronics TDA2822D Datasheet HTML 2Page - STMicroelectronics TDA2822D Datasheet HTML 3Page - STMicroelectronics TDA2822D Datasheet HTML 4Page - STMicroelectronics TDA2822D Datasheet HTML 5Page - STMicroelectronics TDA2822D Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TDA2822D
DUAL LOW-VOLTAGE POWER AMPLIFIER
SUPPLY VOLTAGE DOWN TO 1.8V
LOWCROSSOVER DISTORTION
LOW QUIESCENT CURRENT
BRIDGE OR STEREO CONFIGURATION
DESCRIPTION
The TDA2822D is a monolithic integrated circuit
in 8 lead (SO-8) package. It is intended for use as
dual audio power amplifier in portable cassette
players, radios and CD players
September 2003
®
APPLICATION CIRCUIT
SO8
ORDERING NUMBER: TDA2822D
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Supply Voltage
15
V
IO
Peak Output
1
A
Ptot
Total Power Dissipation Tamb = 50
°C
0.5
W
Tstg, Tj
Storage and Junction Temperature
-40 to 150
°C
1/6


Similar Part No. - TDA2822D

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
TDA2822D TGS-TDA2822D Datasheet
420Kb / 7P
DUAL POWER AMPLIFIER
logo
STMicroelectronics
TDA2822D STMICROELECTRONICS-TDA2822D Datasheet
1Mb / 12P
Dual low voltage power amplifier
28-Aug-2020
TDA2822D013TR STMICROELECTRONICS-TDA2822D013TR Datasheet
1Mb / 12P
Dual low voltage power amplifier
28-Aug-2020
TDA2822D STMICROELECTRONICS-TDA2822D_V01 Datasheet
1Mb / 12P
Dual low voltage power amplifier
28-Aug-2020
More results

Similar Description - TDA2822D

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2076 NJRC-NJM2076 Datasheet
250Kb / 8P
DUAL LOW VOLTAGE POWER AMPLIFIER?
logo
Anpec Electronics Corop...
APA2822 ANPEC-APA2822 Datasheet
91Kb / 9P
Dual Low-Voltage Power Amplifier
logo
Unisonic Technologies
TDA2822H UTC-TDA2822H Datasheet
82Kb / 3P
DUAL LOW VOLTAGE POWER AMPLIFIER
logo
First Components Intern...
TDA2822M FCI-TDA2822M Datasheet
409Kb / 9P
DUAL LOW-VOLTAGE POWER AMPLIFIER
logo
Tiger Electronic Co.,Lt...
NJM2076 TGS-NJM2076 Datasheet
252Kb / 6P
DUAL LOW VOLTAGE POWER AMPLIFIER
logo
Unisonic Technologies
M2073 UTC-M2073 Datasheet
248Kb / 9P
DUAL LOW VOLTAGE POWER AMPLIFIER
logo
New Japan Radio
NJM2073M-TE2 NJRC-NJM2073M-TE2 Datasheet
283Kb / 11P
DUAL LOW VOLTAGE POWER AMPLIFIER
logo
Unisonic Technologies
TDA2822 UTC-TDA2822_15 Datasheet
145Kb / 6P
DUAL LOW VOLTAGE POWER AMPLIFIER
TDA2822H UTC-TDA2822H_15 Datasheet
174Kb / 5P
DUAL LOW VOLTAGE POWER AMPLIFIER
logo
Hangzhou Youwang Electr...
UTC2822H YOUWANG-UTC2822H Datasheet
93Kb / 5P
DUAL LOW VOLTAGE POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com