Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2822D Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA2822D
Description  DUAL LOW-VOLTAGE POWER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2822D Datasheet(HTML) 3 Page - STMicroelectronics

  TDA2822D Datasheet HTML 1Page - STMicroelectronics TDA2822D Datasheet HTML 2Page - STMicroelectronics TDA2822D Datasheet HTML 3Page - STMicroelectronics TDA2822D Datasheet HTML 4Page - STMicroelectronics TDA2822D Datasheet HTML 5Page - STMicroelectronics TDA2822D Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ELECTRICAL CHARACTERISTICS (VS = 6V; Tamb = 25°C, unless otherwise specified.
STEREO (Test circuit of fig. 1).
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply Voltage
1.8
15
V
Id
Total Quiescent Drain Current
15
mA
VO
Quiescent Output Voltage
2.7
V
VS = 3V
1.2
V
Ib
Input Bias Current
100
nA
PO
Output Power (each channel)
(f = 1KHz, d = 10%)
VS = 9V
VS = 6V
RL = 32
Ω VS = 4.5V
VS = 3V
VS = 2V
300
120
60
20
5
mW
RL = 16
Ω VS = 6V
170
220
mW
RL = 8
Ω
VS = 6V
300
380
mW
RL = 4
Ω
VS = 4.5V
VS = 3V
320
110
mW
mW
d
Distortion
RL = 32
Ω
PO = 40mW
0.2
%
RL = 16
Ω
PO = 75mW
0.2
%
RL = 8
Ω
PO = 150mW
0.2
%
GV
Closed Loop Voltage Gain
f = 1KHz
36
39
41
dB
∆GV
Channel Balance
±1dB
Ri
Input Resistance
f = 1KHz
100
K
Ω
eN
Total Input Noise
Rs = 10k
Ω B = Curve A
2
µV
Rs = 10k
Ω B = 22Hz to 22KHz
2.5
µV
SVR
Supply Voltage Rejection
f = 100Hz
C1 = C2 = 100
µF24
30
dB
Cs
Channel Separation
f = 1KHz
50
dB
BRIDGE (Test circuit of fig.2)
VS
Supply Voltage
1.8
15
V
Id
Total Quiescent Drain Current
RL =
∞
15
mA
Vos
Output Offset Voltage (between
the outputs)
RL = 8
Ω
±80
mV
Ib
Input Bias Current
100
nA
PO
Output Power
(f = 1KHz, d = 10%)
VS = 9V
VS = 6V
RL = 32
Ω VS = 4.5V
VS = 3V
VS = 2V
320
50
1000
400
200
65
8
mW
RL = 16
Ω VS = 6V
RL = 16W VS = 3V
800
120
mW
mW
RL = 8
Ω
VS = 4.5V
RL = 8W
VS = 3V
700
220
mW
mW
RL = 4
Ω
VS = 3V
RL = 4W
VS = 2V
350
80
mW
mW
d
Distortion
RL = 8
Ω PO = 0.5W f = 1KHz
0.2
%
GV
Closed Loop Voltage Gain
f = 1KHz
39
dB
Ri
Input Resistance
f = 1KHz
100
K
Ω
eN
Total Input Noise
Rs = 10k
Ω B = Curve A
2.5
µV
Rs = 10k
Ω B = 22Hz to 22KHz
3
µV
SVR
Supply Voltage Rejection
f = 100Hz
40
dB
B
Power Bandwidth (-3dB)
RL = 8
Ω PO = 1W
120
KHz
TDA2822D
3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com