Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2822M Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA2822M
Description  DUAL LOW-VOLTAGE POWER AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2822M Datasheet(HTML) 1 Page - STMicroelectronics

  TDA2822M Datasheet HTML 1Page - STMicroelectronics TDA2822M Datasheet HTML 2Page - STMicroelectronics TDA2822M Datasheet HTML 3Page - STMicroelectronics TDA2822M Datasheet HTML 4Page - STMicroelectronics TDA2822M Datasheet HTML 5Page - STMicroelectronics TDA2822M Datasheet HTML 6Page - STMicroelectronics TDA2822M Datasheet HTML 7Page - STMicroelectronics TDA2822M Datasheet HTML 8Page - STMicroelectronics TDA2822M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TDA2822M
DUAL LOW-VOLTAGE POWER AMPLIFIER
September 2003
PIN CONNECTION (Top view)
MINIDIP
ORDERING NUMBER : TDA2822M
®
.
SUPPLY VOLTAGE DOWN TO 1.8V
.
LOW CROSSOVER DISTORSION
.
LOW QUIESCENT CURRENT
.
BRIDGE OR STEREO CONFIGURATION
DESCRIPTION
The TDA2822M is a monolithic integrated circuit in
8 lead Minidip package. It is intended for use as
dual audio power amplifier in portable cassette
players and radios.
1/11


Similar Part No. - TDA2822M

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TDA2822M UTC-TDA2822M Datasheet
74Kb / 4P
DUAL LOW VOLTAGE POWER AMPLIFIER
logo
First Components Intern...
TDA2822M FCI-TDA2822M Datasheet
409Kb / 9P
DUAL LOW-VOLTAGE POWER AMPLIFIER
logo
Wing Shing Computer Com...
TDA2822M WINGS-TDA2822M Datasheet
213Kb / 4P
DUAL LOW-VOLTAGE POWER AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TDA2822M TGS-TDA2822M Datasheet
420Kb / 7P
DUAL POWER AMPLIFIER
logo
SYC Electronica
TDA2822M SYC-TDA2822M Datasheet
302Kb / 10P
DUAL LOW-VOLTAGE POWER AMPLIFIER
More results

Similar Description - TDA2822M

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2076 NJRC-NJM2076 Datasheet
250Kb / 8P
DUAL LOW VOLTAGE POWER AMPLIFIER?
logo
Anpec Electronics Corop...
APA2822 ANPEC-APA2822 Datasheet
91Kb / 9P
Dual Low-Voltage Power Amplifier
logo
Unisonic Technologies
TDA2822H UTC-TDA2822H Datasheet
82Kb / 3P
DUAL LOW VOLTAGE POWER AMPLIFIER
logo
First Components Intern...
TDA2822M FCI-TDA2822M Datasheet
409Kb / 9P
DUAL LOW-VOLTAGE POWER AMPLIFIER
logo
Tiger Electronic Co.,Lt...
NJM2076 TGS-NJM2076 Datasheet
252Kb / 6P
DUAL LOW VOLTAGE POWER AMPLIFIER
logo
Unisonic Technologies
M2073 UTC-M2073 Datasheet
248Kb / 9P
DUAL LOW VOLTAGE POWER AMPLIFIER
logo
New Japan Radio
NJM2073M-TE2 NJRC-NJM2073M-TE2 Datasheet
283Kb / 11P
DUAL LOW VOLTAGE POWER AMPLIFIER
logo
Unisonic Technologies
TDA2822 UTC-TDA2822_15 Datasheet
145Kb / 6P
DUAL LOW VOLTAGE POWER AMPLIFIER
TDA2822H UTC-TDA2822H_15 Datasheet
174Kb / 5P
DUAL LOW VOLTAGE POWER AMPLIFIER
logo
Hangzhou Youwang Electr...
UTC2822H YOUWANG-UTC2822H Datasheet
93Kb / 5P
DUAL LOW VOLTAGE POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com