Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2822M Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA2822M
Description  DUAL LOW-VOLTAGE POWER AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2822M Datasheet(HTML) 3 Page - STMicroelectronics

  TDA2822M Datasheet HTML 1Page - STMicroelectronics TDA2822M Datasheet HTML 2Page - STMicroelectronics TDA2822M Datasheet HTML 3Page - STMicroelectronics TDA2822M Datasheet HTML 4Page - STMicroelectronics TDA2822M Datasheet HTML 5Page - STMicroelectronics TDA2822M Datasheet HTML 6Page - STMicroelectronics TDA2822M Datasheet HTML 7Page - STMicroelectronics TDA2822M Datasheet HTML 8Page - STMicroelectronics TDA2822M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ELECTRICAL CHARACTERISTICS (VS = 6V, Tamb = 25
oC, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
STEREO (test circuit of Figure 1)
Vs
Supply Voltage
1.8
15
V
Vo
Quiescent Output Voltage
Vs = 3V
2.7
1.2
V
V
Id
Quiescent Drain Current
6
9
mA
Ib
Input Bias Current
100
nA
Po
Output Power (each channel)
(f = 1kHz, d = 10%)
RL = 32
Ω
VS = 9V
VS = 6V
VS = 4.5V
VS = 3V
VS = 2V
RL = 16
Ω
VS = 6V
RL = 8
Ω
VS = 9V
VS = 6V
RL = 4
Ω
VS = 6V
VS = 4.5V
VS = 3V
90
15
170
300
450
300
120
60
20
5
220
1000
380
650
320
110
mW
d
Distortion (f = 1kHz)
RL = 32
Ω
Po = 40mW
RL = 16
Ω
Po = 75mW
RL = 8
Ω
Po = 150mW
0.2
0.2
0.2
%
%
%
Gv
Closed Loop Voltage Gain
f = 1kHz
36
39
41
dB
∆Gv
Channel Balance
± 1
dB
Ri
Input Resistance
f = 1kHz
100
k
Ω
eN
Total Input Noise
Rs = 10k
Ω B = Curve A
B = 22Hz to 22kHz
2
2.5
µV
µV
SVR
Supply Voltage Rejection
f = 100Hz, C1 = C2 = 100
µF
24
30
dB
Cs
Channel Separation
f = 1kHz
50
dB
BRIDGE (test circuit of Figure 2)
Vs
Supply Voltage
1.8
15
V
Id
Quiescent Drain Current
RL =
∞
69
mA
Vos
Output Offset Voltage
(between the outputs)
RL = 8
Ω± 50
mV
Ib
Input Bias Current
100
nA
Po
Output Power (f = 1kHz, d = 10%)
RL = 32
Ω
VS = 9V
VS = 6V
VS = 4.5V
VS = 3V
VS = 2V
RL = 16
Ω
VS = 9V
VS = 6V
VS = 3V
RL = 8
Ω
VS = 6V
VS = 4.5V
VS = 3V
RL = 4
Ω
VS = 4.5V
VS = 3V
VS = 2V
320
50
900
200
1000
400
200
65
8
2000
800
120
1350
700
220
1000
350
80
mW
d
Distortion
Po = 0.5W, RL = 8
Ω, f = 1kHz
0.2
%
Gv
Closed Loop Voltage Gain
f = 1kHz
39
dB
Ri
Input Resistance
f = 1kHz
100
k
Ω
eN
Total Input Noise
Rs = 10k
Ω B = Curve A
B = 22Hz to 22kHz
2.5
3
µV
µV
SVR
Supply Voltage Rejection
f = 100Hz
40
dB
TDA2822M
3/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com