Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

036RSP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 036RSP
Description  Aluminum Capacitors Radial Semi-Professional
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

036RSP Datasheet(HTML) 1 Page - Vishay Siliconix

  036RSP Datasheet HTML 1Page - Vishay Siliconix 036RSP Datasheet HTML 2Page - Vishay Siliconix 036RSP Datasheet HTML 3Page - Vishay Siliconix 036RSP Datasheet HTML 4Page - Vishay Siliconix 036RSP Datasheet HTML 5Page - Vishay Siliconix 036RSP Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 28312
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 15-Oct-08
101
Aluminum Capacitors
Radial Semi-Professional
036 RSP
Vishay BCcomponents
FEATURES
• Polarized aluminum electrolytic capacitors,
non-solid electrolyte
• Radial leads, cylindrical aluminum case,
all-insulated (light blue)
• Natural pitch 2.5 mm and 5 mm
• Charge and discharge proof
• Miniaturized, high CV-product per unit volume
• Reduced leakage current
• Lead (Pb)-free versions are RoHS compliant
APPLICATIONS
• Automotive, telecommunication, industrial, EDP and
audio-video
• Coupling, decoupling, smoothing, filtering, buffering,
timing
• Portable and mobile equipment (small size, low mass)
MARKING
The capacitors are marked (where possible) with the
following information:
• Rated capacitance (in µF)
• Tolerance on rated capacitance, code letter in accordance
with IEC 60062 (M for ± 20 %)
• Rated voltage (in V)
• Date code in accordance with IEC 60062
• Code indicating factory of origin
• Name of manufacturer
• Minus-sign on top to identify the negative terminal
• Series number (036)
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case sizes (Ø D x L in mm)
5 x 11 and 8.2 x 11
Rated capacitance range, CR
0.47 to 470 µF
Tolerance on CR
± 20 %; ± 10 % on request
Rated voltage range, UR
6.3to160 V
Category temperature range
- 55 to + 85
°C
Endurance test at 85
°C
2000 hours
Useful life at 105
°C
750 hours
Useful life at 85
°C
3000 hours
Useful life at 40
°C, 1.4 x I
R applied
80 000 hours
Shelf life at 0 V, 85
°C
500 hours
Based on sectional specification
IEC 60384-4/EN130 300
Climatic category IEC 60068
55/085/56
148 RUS
116 RLL
038 RSU
036 RSP
031 RLC
higher
CV- values
miniaturized
low
leakage
current
longer life
Fig.1 Component outline
RoHS
COMPLIANT
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(µF)
UR (V)
6.3
1016
2535
405063
100
160
0.47
-
------
5 x 11
--
1.0
-
------
5 x 11
--
2.2
-
------
5 x 11
-
8.2 x 11
3.3
-
------
5 x 11
--
4.7
-
------
5 x 11
-
8.2 x 11
6.8
-
------
5 x 11
--
10
-
-----
5 x 11
5 x 11
8.2 x 11
-
-
------
8.2 x 11
--
15
-
----
5 x 11
-
5 x 11
--
22
-
-
-
-
5 x 11
-
-
5 x 11
8.2 x 11
-
-
------
8.2 x 11
--
33
-
-
5 x 11
-
-
-
5 x 11
8.2 x 11
-
-
47
-
5 x 11
-
-
5 x 11
-
8.2 x 11
8.2 x 11
-
-
68
-
-
-
5 x 11
-
8.2 x 11
-
8.2 x 11
-
-
100
5 x 11
-
5 x 11
8.2 x 11
-
-
8.2 x 11
-
-
-
150
-
5 x 11
8.2 x 11
-
8.2 x 11
-
-
-
-
-
220
-
8.2 x 11
8.2 x 11
8.2 x 11
-
-
-
-
-
-
330
8.2 x 11
-
8.2 x 11----
---
470
-
8.2 x 11-----
---


Similar Part No. - 036RSP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
036RSP VISHAY-036RSP Datasheet
215Kb / 5P
ALUMINUM CAPACITORS RADIAL SEMI-PROFESSIONAL
17-Jun-05
036RSP VISHAY-036RSP Datasheet
110Kb / 6P
Aluminum Capacitors Radial Semi-Professional
26-Apr-13
036RSP VISHAY-036RSP Datasheet
116Kb / 6P
Aluminum Electrolytic Capacitors Radial Semi-Professional
15-Jul-16
036RSP VISHAY-036RSP Datasheet
97Kb / 6P
Aluminum Electrolytic Capacitors Radial Semi-Professional
15-Jul-16
036RSP VISHAY-036RSP_13 Datasheet
110Kb / 6P
Aluminum Capacitors Radial Semi-Professional
26-Apr-13
More results

Similar Description - 036RSP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
047RMS ETC1-047RMS Datasheet
56Kb / 13P
Aluminum electrolytic capacitors Radial Miniature Semi-Professional
logo
Vishay Siliconix
036RSP VISHAY-036RSP Datasheet
215Kb / 5P
ALUMINUM CAPACITORS RADIAL SEMI-PROFESSIONAL
17-Jun-05
148RUS VISHAY-148RUS Datasheet
131Kb / 8P
Aluminum Capacitors Radial, Ultra High CV per Volume, Semi-Professional
04-Jan-08
036RSP VISHAY-036RSP_13 Datasheet
110Kb / 6P
Aluminum Capacitors Radial Semi-Professional
26-Apr-13
148RUS VISHAY-148RUS_13 Datasheet
121Kb / 8P
Aluminum Capacitors Radial, Ultra High CV per Volume, Semi-Professional
12-Apr-13
148RUS VISHAY-148RUS_17 Datasheet
132Kb / 9P
Aluminum Electrolytic Capacitors Radial, Ultra High CV per Volume, Semi-Professional
28-Feb-17
036RSP VISHAY-036RSP_16 Datasheet
116Kb / 6P
Aluminum Electrolytic Capacitors Radial Semi-Professional
15-Jul-16
036RSP VISHAY-036RSP_V01 Datasheet
97Kb / 6P
Aluminum Electrolytic Capacitors Radial Semi-Professional
15-Jul-16
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com