Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4433 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA4433
Description  TV SIGNAL IDENTIFICATION CIRCUIT AND AFC INTERFACE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA4433 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA4433 Datasheet HTML 1Page - STMicroelectronics TDA4433 Datasheet HTML 2Page - STMicroelectronics TDA4433 Datasheet HTML 3Page - STMicroelectronics TDA4433 Datasheet HTML 4Page - STMicroelectronics TDA4433 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
* Open collector outputs
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vs
Supply Voltage (pin 1)
16
V
V3
Voltage at Pin 3
16
V
V13
Voltage at Pin 13
– 5, + 6
V
I6 ;I2
Pin 6 and Pin 2 Current
1
mA
I10
Pin 10 Current
2
mA
I11
Pin 11 Current
2
mA
I12
Pin 12 Current
± 2
mA
Ptot
Total Power Dissipation at Tamb
≤ 70 °C
800
mW
Tstg,Tj
Storage and Junction Temperature
– 40, +150
°C
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-amb
Thermal Resistance Junction-ambient
Max.
100
°C/W
ELECTRICAL CHARACTERISTICS
(refer to the test circuit ; VS =12 V, Tamb =25
°C, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vs
Supply Voltage Range (pin 1)
10.8
14.5
V
Is
Supply Current (pin 1)
Vs = 14.5 V
30
mA
V2
Output Voltage
ftuning <fo I2 = 1 mA
Vs – 0.5
V
ftuning =fo
0.8
V
ftuning >fo
0.8
V
V6
Output Voltage
ftuning <fo I6 = 1 mA
0.8
V
ftuning =fo I6 = 1 mA
0.8
V
ftuning >fo
Vs – 0.5
V
TDA4433
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com