Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4433 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA4433
Description  TV SIGNAL IDENTIFICATION CIRCUIT AND AFC INTERFACE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA4433 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA4433 Datasheet HTML 1Page - STMicroelectronics TDA4433 Datasheet HTML 2Page - STMicroelectronics TDA4433 Datasheet HTML 3Page - STMicroelectronics TDA4433 Datasheet HTML 4Page - STMicroelectronics TDA4433 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
22nF
5k
Ω
6.2k
Ω
10k
Ω
100k
Ω
56k
Ω
22k
Ω
82k
Ω
47k
Ω
3.3k
Ω
P2
P1
3
4
11
5
AB
S1c
S1d
S1e
S2
13
12
2
10
614
1
TDA4433
150pF
5.6k
Ω
47nF
0or 3V (DC)
0or 3V (DC)
A
B
S1a
S1b
11k
Ω
11k
Ω
11k
Ω
0.1
µF
+V = 12V
S
Digital AFC
out TDA4433
Identif. out
Pos. Video in
Hor. Flyback in
H
L
L
H
H
L
out B
out A
(no ident.)
(ident.)
S1 A : Static tests
B : Functional tests
B : Functional tests
S2 A : DC or pulses width
P2 Sensitivity control
P1 Digital AFC perfect tuning
TEST CIRCUIT
APPLICATION INFORMATION
(refer to the block diagram)
TV Signal Identification Circuit
The circuit recognizes only TV signals by checking
logically during one line the coincidence between
the horizontal flyback pulse and the pulse detected
by a sync. separator.
The signal identification is carried out by charging
the capacitor connected to pin 5 ; when the capaci-
tor voltage overcomes a fixed threshold voltage, a
Schmitt trigger switches and enables the AFC con-
trol. If a TV signal is recognized, the capacitor is
slightly charged every line and its voltage reaches
the thresholdafter a number of line which is defined
by the value of the capacitor itself. The sensitivity
of the identification circuit, hence the number of
lines required to charge the capacitor, can be ad-
justed by means of the resistor connected between
pin 11 and ground.
When the identification has been made, a signal
(level L) is available at pin 10.
Threshold Circuit
The circuit detects 3 ranges of AFC voltage and in
combination with the TV signal identification circuit
drives the electronic switches.
With a correct TV signal, the output levels corre-
sponding to the 3 ranges are :
(V2)(V6)
fo –
δf
High Level
Low Level
fo
Low Level
Low Level
fo +
δf
Low Level
High Level
The TDA4433 has two separate outputs which can
have only two states, high (H) or low (L). The
outputs at pin 2 and at pin 6 remain at a low level
with no video signal input or with a video signal not
identified as a true TV signal. Both pin 2 and pin 6
are open collector outputs and must be pulled-up
to the positive supply voltage by external resistors.
Voltage Regulator
The circuit can deliver 1 mA and it can be used as
D/A converter reference to supply fine tuning volt-
age.
TDA4433
µP
M206
µP interface
With microprocessor
EPM SYSTEM CONFIGURATIONS
TDA4433
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com