Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4605 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA4605
Description  CONTROL CIRCUIT FOR SWITCH MODE POWER SUPPLIES USING MOS TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA4605 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA4605 Datasheet HTML 1Page - STMicroelectronics TDA4605 Datasheet HTML 2Page - STMicroelectronics TDA4605 Datasheet HTML 3Page - STMicroelectronics TDA4605 Datasheet HTML 4Page - STMicroelectronics TDA4605 Datasheet HTML 5Page - STMicroelectronics TDA4605 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PIN CONFIGURATION
Pin
Number
Description
1
Regulating voltage : information input concerning secondary voltage.
By comparing the regulating voltage obtained from the regulating winding of the transformer with the
internal reference voltage, the output pulse width on Pin 5 is adapted to the load of the secondary side
(normal, overload, short circuit, no load)
2
Primary current simulation : information input regarding the primary current. The primary current rise in the
primary winding is simulated at Pin 2 as a voltage rise by means of external RC element. When a value is
reached that is derived from the regulating voltage at Pin 1, the output pulse at Pin 5 is terminated. The
RC element serves to set the maximum power at the overload point.
3
Primary voltage detector : input for primary voltage monitoring. When the line voltage is too low the IC is
switched-off by comparing V3 with an internal reference. Voltage at Pin 3 is used for overload point
compensation.
4
Ground
5
Output : push-pull output for charge and discharge of the gate capacitance of the power MOS transistor.
6
Supply voltage : Supply voltage input. From it are derived a stable internal reference voltage (VREF) and
the switching threshold V6A,V6E,V6 max and V6 min for the supply voltage detector.
if V6 >V6E the VREF is switched on and switched off when V6 <V6A. In addition the logic is only enable for
V6 min <V6 <V6 max.
7
Soft-start : input for soft-start and integration network. Start-up will begin with short pulses by connecting a
capacitor between Pin 7 to ground. This capacitor together with a resistor connected between Pin 7 and
error amplifier output also as acts an integrator network for regulation.
8
Zero detector : Input for the oscillator feedback. After starting oscillator, every zero transit of the feedback
voltage (falling edge) triggers an output pulse at Pin 5. The trigger threshold is at typically - 50mV
1
2
3
4
5
6
78
V
6min
V
6ma x
V
6E
V
6A
V
2B
Vst
V
R
V
u
V
REF
Re fere nce
Volta ge
(typ. 3V)
S upply
Voltage
Monitor
Prima ry
Current
Recopy
Output S ta ge
and
Current Limit
Logic
S ta rting
Impulse
G enera tor
Regulating
& Ove rload
Amplifier
Current
S ource
Ove rloa d
Point
Corre ction
Low Volta ge
P rote ction
Monitoring
Stop
Comp.
Zero
Crossing
De te ctor
TDA4605
BLOCK DIAGRAM
TDA4605
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com